Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 30Page - NXP Semiconductors MFRC63002R Datasheet HTML 31Page - NXP Semiconductors MFRC63002R Datasheet HTML 32Page - NXP Semiconductors MFRC63002R Datasheet HTML 33Page - NXP Semiconductors MFRC63002R Datasheet HTML 34Page - NXP Semiconductors MFRC63002R Datasheet HTML 35Page - NXP Semiconductors MFRC63002R Datasheet HTML 36Page - NXP Semiconductors MFRC63002R Datasheet HTML 37Page - NXP Semiconductors MFRC63002R Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
34 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.6.2.2
Bit generator
The default coding of a data stream is done by using the Bit-Generator. It is activated
when the value of TxFrameCon.DCodeType is set to 0000 (bin). The Bit-Generator
encodes the data stream byte-wise and can apply the following encoding steps to each
data byte.
1. Add a start-bit of specified type at beginning of every byte
2. Add a stop-bit and EGT bits of a specified type. The maximum number of EGT bit is 6,
only full bits are supported
3. Add a parity-bit of a specified type
4. TxFirstBits (skips a given number of bits at the beginning of the first byte in a frame)
5. TxLastBits (skips a given number of bits at the end of the last byte in a frame)
6. Encrypt data-bit (MIFARE encryption)
TxFirstBits and TxLastBits can be used at the same time. If only a single data byte is sent,
it must be ensured that the range of TxFirstBits and TxLastBits do not overlap. It is not
possible to skip more than 8 bit of a single byte! ( (8 - TxFirstBits) + (8 - TxLastBits) ) < 8
By default, data bytes are always treated LSB first. To make use of a MSB first coding, the
TxMSBFirst in the register CLCON1 needs to be set.
8.6.3 Receiver circuitry
8.6.3.1
General
The MFRC630 features a versatile quadrature receiver architecture with fully differential
signal input at RXP and RXN. It can be configured to achieve optimum performance for
reception of various 13.56 MHz based protocols.
For all processing units various adjustments can be made to obtain optimum
performance.
Fig 22. Example 2: overshoot_t1 = 0d; overhoot_t2 = 5d
0
-1.0
12
3
4
t
1.0
3.0
5.0
(V)
7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com