Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 74Page - NXP Semiconductors MFRC63002R Datasheet HTML 75Page - NXP Semiconductors MFRC63002R Datasheet HTML 76Page - NXP Semiconductors MFRC63002R Datasheet HTML 77Page - NXP Semiconductors MFRC63002R Datasheet HTML 78Page - NXP Semiconductors MFRC63002R Datasheet HTML 79Page - NXP Semiconductors MFRC63002R Datasheet HTML 80Page - NXP Semiconductors MFRC63002R Datasheet HTML 81Page - NXP Semiconductors MFRC63002R Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
78 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.7.2.23
T4CounterValHi
High byte of the counter value of the 16-bit timer 4.
9.7.2.24
T4CounterValLo
Low byte of the counter value of the 16-bit timer 4.
9.8 Transmitter configuration registers
9.8.1 TxMode
Table 113. T4ReloadLo register (address 25h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadLo
Access
rights
r/w
Table 114. T4ReloadLo bits
Bit
Symbol
Description
7 to 0
T4ReloadLo
Defines the low byte of the reload value of the timer 4. With the start
event the timer loads the value of the T4ReloadVal. Changing this
register affects the timer only at the next start event.
Table 115. T4CounterValHi register (address 26h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4CounterValHi
Access
rights
dy
Table 116. T4CounterValHi bits
Bit
Symbol
Description
7 to 0
T4CounterValHi
High byte of the current counter value of timer 4.
Table 117. T4CounterValLo register (address 27h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4CounterValLo
Access
rights
dy
Table 118. T4CounterValLo bits
Bit
Symbol
Description
7 to 0
T4CounterValLo
Low byte of the current counter value of the timer 4.
Table 119. DrvMode register (address 28h)
Bit
7
6
5
4
3
2
1
0
Symbol
Tx2Inv
Tx1Inv
-
-
TxEn
TxClk Mode
Access
rights
r/w
r/w
RFU
RFU
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com