Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 51Page - NXP Semiconductors MFRC63002R Datasheet HTML 52Page - NXP Semiconductors MFRC63002R Datasheet HTML 53Page - NXP Semiconductors MFRC63002R Datasheet HTML 54Page - NXP Semiconductors MFRC63002R Datasheet HTML 55Page - NXP Semiconductors MFRC63002R Datasheet HTML 56Page - NXP Semiconductors MFRC63002R Datasheet HTML 57Page - NXP Semiconductors MFRC63002R Datasheet HTML 58Page - NXP Semiconductors MFRC63002R Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
55 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
14h
T1Control
Control of Timer1
15h
T1ReloadHi
High register of the reload value of Timer1
16h
T1ReloadLo
Low register of the reload value of Timer1
17h
T1CounterValHi
Counter value high register of Timer1
18h
T1CounterValLo
Counter value low register of Timer1
19h
T2Control
Control of Timer2
1Ah
T2ReloadHi
High byte of the reload value of Timer2
1Bh
T2ReloadLo
Low byte of the reload value of Timer2
1Ch
T2CounterValHi
Counter value high byte of Timer2
1Dh
T2CounterValLo
Counter value low byte of Timer2
1Eh
T3Control
Control of Timer3
1Fh
T3ReloadHi
High byte of the reload value of Timer3
20h
T3ReloadLo
Low byte of the reload value of Timer3
21h
T3CounterValHi
Counter value high byte of Timer3
22h
T3CounterValLo
Counter value low byte of Timer3
23h
T4Control
Control of Timer4
24h
T4ReloadHi
High byte of the reload value of Timer4
25h
T4ReloadLo
Low byte of the reload value of Timer4
26h
T4CounterValHi
Counter value high byte of Timer4
27h
T4CounterValLo
Counter value low byte of Timer4
28h
DrvMod
Driver mode register
29h
TxAmp
Transmitter amplifier register
2Ah
DrvCon
Driver configuration register
2Bh
Txl
Transmitter register
2Ch
TxCrcPreset
Transmitter CRC control register, preset value
2Dh
RxCrcPreset
Receiver CRC control register, preset value
2Eh
TxDataNum
Transmitter data number register
2Fh
TxModWidth
Transmitter modulation width register
30h
TxSym10BurstLen
Transmitter symbol 1 + symbol 0 burst length register
31h
TXWaitCtrl
Transmitter wait control
32h
TxWaitLo
Transmitter wait low
33h
FrameCon
Transmitter frame control
34h
RxSofD
Receiver start of frame detection
35h
RxCtrl
Receiver control register
36h
RxWait
Receiver wait register
37h
RxThreshold
Receiver threshold register
38h
Rcv
Receiver register
39h
RxAna
Receiver analog register
3Ah
RFU
-
3Bh
SerialSpeed
Serial speed register
3Ch
LPO_Trimm
Low-power oscillator trimming register
Table 38.
MFRC630 registers overview …continued
Address
Register name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com