Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 28Page - NXP Semiconductors MFRC63002R Datasheet HTML 29Page - NXP Semiconductors MFRC63002R Datasheet HTML 30Page - NXP Semiconductors MFRC63002R Datasheet HTML 31Page - NXP Semiconductors MFRC63002R Datasheet HTML 32Page - NXP Semiconductors MFRC63002R Datasheet HTML 33Page - NXP Semiconductors MFRC63002R Datasheet HTML 34Page - NXP Semiconductors MFRC63002R Datasheet HTML 35Page - NXP Semiconductors MFRC63002R Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
32 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
The registers Section 9.8 and Section 9.10 control the data rate, the framing during
transmission and the setting of the antenna driver to support the requirements at the
different specified modes and transfer speeds.
Register TXamp and the bits for set_residual_carrier define the modulation index:
Table 19.
Settings for TX1 and TX2
TxClkMode
(binary)
Tx1 and TX2 output
Remarks
000
High impedance
-
001
0
output pulled to 0 in any case
010
1
output pulled to 1 in any case
110
RF high side push
open drain, only high side (push) MOS supplied
with clock, clock parity defined by invtx; low side
MOS is off
101
RF low side pull
open drain, only low side (pull) MOS supplied
with clock, clock parity defined by invtx; high
side MOS is off
111
13.56 MHz clock derived
from 27.12 MHz quartz
divided by 2
push/pull Operation, clock polarity defined by
invtx; setting for 10% modulation
Table 20.
Setting residual carrier and modulation index by TXamp.set_residual_carrier
set_residual_carrier (decimal) residual carrier [%]
modulation index [%]
099
0.5
198
1.0
296
2.0
394
3.1
491
4.7
589
5.8
687
7.0
786
7.5
885
8.1
984
8.7
10
83
9.3
11
82
9.9
12
81
10.5
13
80
11.1
14
79
11.7
15
78
12.4
16
77
13.0
17
76
13.6
18
75
14.3
19
74
14.9
20
72
16.3
21
70
17.6
22
68
19.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com