Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 39Page - NXP Semiconductors MFRC63002R Datasheet HTML 40Page - NXP Semiconductors MFRC63002R Datasheet HTML 41Page - NXP Semiconductors MFRC63002R Datasheet HTML 42Page - NXP Semiconductors MFRC63002R Datasheet HTML 43Page - NXP Semiconductors MFRC63002R Datasheet HTML 44Page - NXP Semiconductors MFRC63002R Datasheet HTML 45Page - NXP Semiconductors MFRC63002R Datasheet HTML 46Page - NXP Semiconductors MFRC63002R Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
43 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
The register reset values are configuration parameters used after startup of the IC. They
can be changed to modify the default behavior of the device. In addition to this register
reset values, is the possibility to load settings for various user implemented protocols.The
load protocol command is used for this purpose.
Function
Factory trim values
18....
XXXXXXXXXXXXXXXX
Factory trim values
....38
XXXXXXXXXXXXXXXX
Table 30.
Register reset values (Hex.) (Page0) …continued
Address
0
1
2
3
4
5
6
7
Table 31.
Register reset values (Hex.)(Page1 and page 2)
Address
0
1
2
3
4
5
6
7
Command
HostCtrl
FiFoControl
WaterLevel
FiFoLength
FiFoData
IRQ0
IRQ1
40
40
00
80
05
00
00
00
00
Error_Reg
Status_Reg
RxBitCtrl
RxColl
TControl
T0ReloadHi
T0ReloadLo T0Counter
ValHi
48
10
00
00
00
00
00
00
00
T0Counter
ValLo
T1Control
T1ReloadHi
T1ReloadLo T1Counter
ValHi
T1Counter
ValLo
T2Control
T2ReloadHi
50
00
08
00
00
00
00
08
00
T2ReloadLo T2Counter
ValHi
T2Counter
ValLo
T3Control
T3ReloadHi
T3ReloadLo T3Counter
ValHi
T3Counter
ValLo
58
00
00
00
80
00
00
00
00
T3ReloadHi
T3ReloadLo T4Control
T4ReloadHi
T4ReloadLo T4Counter
ValHi
T4Counter
ValLo
60
80
00
00
00
00
80
00
00
DrvMode
TxAmp
DrvCon
Txl
TxCRC
Preset
RxCRC
Preset
TxDataNum
TxModWith
68
86
15
11
06
18
18
0F
27
TxSym10
BurstLen
TxWaitCtrl
TxWaitLo
FrameCon
RxSofD
RxCtrl
RxWait
RxThres
hold
70
00
C0
12
CF
00
04
90
3F
RcvReg
RxAna
RFU
SerialSpeed LPO_trimm
PLL_Ctrl
PLL_Div
LPCD_QMi
n
78
12
0A
00
7A
80
04
20
48
LPCD_
QMax
LPCD_IMin
LPCD
_result_I
LPCD
_result_Q
PadEn
PadOut
PadIn
SigOut
80
12
88
00
00
00
00
00
00
TxBitMod
RFU
TxDataCon
TxDataMod
TxSymFreq
TxSym0H
TySym0L
TxSym1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com