Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 110 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 106Page - NXP Semiconductors MFRC63002R Datasheet HTML 107Page - NXP Semiconductors MFRC63002R Datasheet HTML 108Page - NXP Semiconductors MFRC63002R Datasheet HTML 109Page - NXP Semiconductors MFRC63002R Datasheet HTML 110Page - NXP Semiconductors MFRC63002R Datasheet HTML 111Page - NXP Semiconductors MFRC63002R Datasheet HTML 112Page - NXP Semiconductors MFRC63002R Datasheet HTML 113Page - NXP Semiconductors MFRC63002R Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 118 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 36. Packing information Reel
aaa-004950
tape
guard band
circular sprocket holes
opposite the label side of reel
cover tape
carrier tape
enlongated
circular
enlongated
PIN1 has to be
in quadrant 1
QA seal
preprinted ESD warning
PQ-label
dry-pack ID preprinted
(permanent)
product orientation
in carrier tape
product orientation ONLY for turned
products with 12nc ending 128
HOW TO SECURE LEADER END TO THE GUARD BAND,
HOW TO SECURE GUARD BAND
unreeling direction
(see: HOW TO SECURE)
(see: HOW TO SECURE)
PIN1
PIN1
PIN1
PIN1
BGA
bare die
BGA
bare die
for SOT505-2
ending 125
for SOT765
ending 125
PIN1
PIN1
PIN1
PIN1
PIN1
QFP
QFP
PLCC
SO
SO
12
34
(HV)QFN
(HV)SON
(H)BCC
(HV)QFN
(HV)SON
(H)BCC
12
34
see: ASSY REEL + LABELS
ASSY REEL + LABELS
label side
embossed
ESD logo
embossed
ESD logo
tape
printed plano-box
Ø 330x12/16/24/32 (hub 7’’)
Ø 330x16/24/32/44 (hub 4’’)
Ø 330x44 (hub 6’’)
Ø 180x12/16/24
tapeslot
label side
trailer
leader
leader : lenght of trailer shall be 400 mm min.
and covered with cover tape
circular sprocket hole side
guard band
trailer : lenght of trailer shall be 160 mm min.
and covered with cover tape
tape
(with pull tabs on both ends)
guard band
lape double-backed
onto itself on both ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com