Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 115Page - Advanced Micro Devices AM79C976 Datasheet HTML 116Page - Advanced Micro Devices AM79C976 Datasheet HTML 117Page - Advanced Micro Devices AM79C976 Datasheet HTML 118Page - Advanced Micro Devices AM79C976 Datasheet HTML 119Page - Advanced Micro Devices AM79C976 Datasheet HTML 120Page - Advanced Micro Devices AM79C976 Datasheet HTML 121Page - Advanced Micro Devices AM79C976 Datasheet HTML 122Page - Advanced Micro Devices AM79C976 Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 309 page
background image
8/01/00
Am79C976
119
P R E L I M INARY
ister, which can be loaded from the serial EEPROM. It
is recommended that the shadow register be pro-
grammed to a value of 18h, which corresponds to 6 µs.
The host should use the value in this register to deter-
mine the setting of the PCI Latency Timer register.
The PCI MIN_GNT register is read only.
3&, 0$;B/$7 5HJLVWHU
Offset 3Fh
The PCI MAX_LAT register is an 8-bit register that spec-
ifies the maximum arbitration latency the Am79C976
controller can sustain without causing problems to the
network activity. The register value specifies the time in
units of 1/4 µs. The MAX_LAT register is an alias of the
Maximum Latency Shadow Register, which can be load-
ed from the serial EEPROM. It is recommended that the
shadow register be programmed to a value of 18h,
which corresponds to 6 µs.
The host should use the value in this register to deter-
mine the setting of the PCI Latency Timer register.
The PCI MAX_LAT register is read only
3&, &DSDELOLW\ ,GHQWLILHU 5HJLVWHU
Offset 44h
Bit
Name
Description
7-0
CAP_ID
This register identifies the linked
list item as being the PCI Power
Management registers. This is a
read-only register whose value is
fixed at 1h.
3&, 1H[W ,WHP 3RLQWHU 5HJLVWHU
Offset 45h
Bit
Name
Description
7-0
NXT_ITM_PTR
The Next Item Pointer Register
points to the starting address of
the next capability. The pointer at
this offset is a null pointer, indi-
cating that this is the last capabil-
ity in the linked list of the
capabilities. This is a read-only
register whose content is fixed at
0.
3&, 3RZHU 0DQDJHPHQW&DSDELOLWLHV5HJLVWHU
30&
Offset 46h
Note: All bits of this register are loaded from
EEPROM. The register is aliased to BCR36 for testing
purposes.
Bit
Name
Description
15-11
PME_SPT
PME Support. This 5-bit field indi-
cates the power states in which
the function may assert PME. A
value of 0b for any bit indicates
that the function is not capable of
asserting the PME signal while in
that power state.
Bit(11) XXXX1b - PME can be
asserted from D0.
Bit(12) XXX1Xb - PME can be
asserted from D1.
Bit(13) XX1XXb - PME can be
asserted from D2.
Bit(14) X1XXXb - PME can be
asserted from D3hot.
Bit(15) 1XXXXb - PME can be
asserted from D3cold. The value
read from bit(15) is the AND of
the value of BCR36, bit 15 and
the
current
state
of
the
VAUX_SENSE pin.
Read only.
10
D2_SPT
D2 Support. If this bit is a 1, this
function supports the D2 Power
Management State.
Read only.
9
D1_SPT
D1 Support. If this bit is a 1, this
function supports the D1 Power
Management State.
Read only.
8-6
RES
Reserved locations. Written and
read as zeros.
5
DSI
Device
Specific
Initialization.
When this bit is 1, it indicates that
special initialization of the func-
tion is required (beyond the stan-
dard PCI configuration header)
before the generic class device
driver is able to use it.
Read only.
4
RES
Reserved location. Written and
read as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com