Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 116Page - Advanced Micro Devices AM79C976 Datasheet HTML 117Page - Advanced Micro Devices AM79C976 Datasheet HTML 118Page - Advanced Micro Devices AM79C976 Datasheet HTML 119Page - Advanced Micro Devices AM79C976 Datasheet HTML 120Page - Advanced Micro Devices AM79C976 Datasheet HTML 121Page - Advanced Micro Devices AM79C976 Datasheet HTML 122Page - Advanced Micro Devices AM79C976 Datasheet HTML 123Page - Advanced Micro Devices AM79C976 Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 309 page
background image
120
Am79C976
8/01/00
P R E L I M INARY
3
PME_CLK
PME Clock. When this bit is a 1,
it indicates that the function relies
on the presence of the PCI clock
for PME operation. When this bit
is a 0 it indicates that no PCI
clock is required for the function
to generate PME.
Functions that do not support
PME generation in any state
must return 0 for this field.
Read only.
2-0
PMIS_VER Power
Management
Interface
Specification Version. A value of
010b indicates that this function
complies with the revision 1.1 of
the PCI Power Management In-
terface Specification.
3&, 3RZHU 0DQDJHPHQW&RQWURO6WDWXV5HJLVWHU
30&65
Offset 48h
Bit
Name
Description
15
PME_STATUS
PME Status. This bit is set when
the function would normally as-
sert the PME signal independent
of the state of the PME_EN bit.
Writing a 1 to this bit will clear it
and cause the function to stop as-
serting a PME (if enabled). Writ-
ing a 0 has no effect.
If the function supports PME from
D3cold then this bit is sticky and
must be explicitly cleared by the
operating system each time the
operating system is initially load-
ed.
Read/write accessible. Sticky bit.
This
bit
is
reset
by
POR.
S_RESET or setting the STOP bit
has no effect. If the function does
not support PME# assertion from
D3cold, either because bit 15 of
the PMC Alias register is zero or
the VAUX_SENSE pin is low,
PME_STATUS will be reset fol-
lowing H_RESET. This reset is
actually done at the end of the
EEPROM read operation, since
bit 15 of the PMC Alias register
may be loaded from the EE-
PROM.
14-13
DATA_SCALE
Data Scale. This two bit read-
only field indicates the scaling
factor to be used when interpret-
ing the value of the Data register.
The value and meaning of this
field will vary depending on the
DATA_SCALE field.
Read only.
12-9
DATA_SEL Data Select. This optional four-bit
field is used to select which data
is reported through the Data reg-
ister and DATA_SCALE field.
Read/write accessible. Sticky bit.
This
bit
is
reset
by
POR.
H_RESET, S_RESET, or setting
the STOP bit has no effect.
8
PME_EN
PME
Enable.
When
a
1,
PME_EN enables the function to
assert PME. When a 0, PME as-
sertion is disabled.
This bit defaults to “0” if the func-
tion does not support PME gener-
ation from D3cold.
If the function supports PME from
D3cold, then this bit is sticky and
must be explicitly cleared by the
operating system each time the
operating system is initially load-
ed.
Read/write accessible. Sticky bit.
This
bit
is
reset
by
POR.
S_RESET or setting the STOP bit
has no effect. If the function does
not support PME assertion from
D3cold, either because bit 15 of
the PMC Alias register is zero or
the VAUX_SENSE pin is low,
PME_STATUS will be reset fol-
lowing H_RESET. This reset is
actually done at the end of the
EEPROM read operation, since
bit 15 of the PMC Alias register
may
be
loaded
from
the
EEPROM.
7-2
RES
Reserved locations. Read only.
1-0
PWR_STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com