Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 117Page - Advanced Micro Devices AM79C976 Datasheet HTML 118Page - Advanced Micro Devices AM79C976 Datasheet HTML 119Page - Advanced Micro Devices AM79C976 Datasheet HTML 120Page - Advanced Micro Devices AM79C976 Datasheet HTML 121Page - Advanced Micro Devices AM79C976 Datasheet HTML 122Page - Advanced Micro Devices AM79C976 Datasheet HTML 123Page - Advanced Micro Devices AM79C976 Datasheet HTML 124Page - Advanced Micro Devices AM79C976 Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 309 page
background image
8/01/00
Am79C976
121
P R E L I M INARY
Power State. This 2-bit field is
used both to determine the cur-
rent power state of a function and
to set the function into a new
power state.
The definition of the field values
is as follows:
00b - D0
01b - D1
10b - D2
11b - D3
These bits can be written and
read, but their contents have no
effect on the operation of the
device.
Read/write accessible.
3&,30&65 %ULGJH 6XSSRUW([WHQVLRQV 5HJLVWHU
Offset 4Ah
Bit
Name
Description
7-0
PMCSR_BSE
The PCI PMCSR Bridge Support
Extensions Register is an 8-bit
register. PMCSR Bridge Support
Extensions are not supported.
This is a read-only register whose
content is 0.
3&,'DWD5HJLVWHU
Offset 4Bh
Note: All bits of this register are loaded from
EEPROM. The register is aliased to lower bytes of the
BCR37-44 for testing purposes.
Bit
Name
Description
7-0
DATA_REG The PCI Data Register is an 8-bit
read-only register that is used as
a window into an array of 8 ten-bit
PCIDATA registers. The value
read from this register is the 8
least significant bits of the PCI-
DATA
register
selected
by
DATA_SEL field of the PMCSR
(offset 48h in PCI Configuration
Space). The two most significant
bits of the selected PCIDATA
register
are
read
from
the
DATA_SCALE
field
of
the
PMCSR.
The interpretation of the contents
of this register is described in the
PCI Bus Power Management In-
terface
Specification,
Version
1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com