Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 119Page - Advanced Micro Devices AM79C976 Datasheet HTML 120Page - Advanced Micro Devices AM79C976 Datasheet HTML 121Page - Advanced Micro Devices AM79C976 Datasheet HTML 122Page - Advanced Micro Devices AM79C976 Datasheet HTML 123Page - Advanced Micro Devices AM79C976 Datasheet HTML 124Page - Advanced Micro Devices AM79C976 Datasheet HTML 125Page - Advanced Micro Devices AM79C976 Datasheet HTML 126Page - Advanced Micro Devices AM79C976 Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 309 page
background image
8/01/00
Am79C976
123
P R E L I M INARY
Table 27. AP_VALUE1: Auto-Poll Value1 Register
$3B9$/8($XWR3ROO9DOXH5HJLVWHU
Offset 0ACh
The contents of this register are cleared to 0 when the
RST pin is asserted. The register is not cleared at the
start of a serial EEPROM read operation or after a se-
rial EEPROM read error.
Table 28. AP_VALUE2: Auto-Poll Value2 Register
$3B9$/8($XWR3ROO9DOXH5HJLVWHU
Offset 0AEh
The contents of this register are cleared to 0 when the
RST pin is asserted. The register is not cleared at the
start of a serial EEPROM read operation or after a se-
rial EEPROM read error.
Table 29. AP_VALUE3: Auto-Poll Value3 Register
$3B9$/8($XWR3ROO9DOXH5HJLVWHU
Offset 0B0h
The contents of this register are cleared to 0 when the
RST pin is asserted. The register is not cleared at the
start of a serial EEPROM read operation or after a se-
rial EEPROM read error.
Table 30. AP_VALUE4: Auto-Poll Value4 Register
$3B9$/8($XWR3ROO9DOXH 5HJLVWHU
Offset 0B2h
The contents of this register are cleared to 0 when the
RST pin is asserted. The register is not cleared at the
start of a serial EEPROM read operation or after a se-
rial EEPROM read error.
Table 31. AP_VALUE5: Auto-Poll Value5 Register
$87232// $XWR3ROO5HJLVWHU
Offset 088h
This register controls the automatic polling of the status
register of the default external PHY.
All bits in this register are set to their default values by
H_RESET. All bits are also set to their default values
before EEPROM data are loaded or after an EEPROM
read failure.
The default value for all bits except for bits 15
(AP_REG0_EN) and 12:8 (AP_REG0_ADDR) is 0.
The default value for AP_REG0_EN is 1 and the default
value for the AP_REG0_ADDR field is 00001b.
When loading the AUTOPOLL0 register from the EE-
PROM, bits [9:5] are also loaded into BCR33 bits [9:5].
This allows operation with legacy drivers that expect
the PHY address in that location.
Table 32. AUTOPOLL0: Auto-Poll0 Register
Bit
Name
Description
15-0
AP_VALUE
1
This register contains the results of
the automatic polling of the user-
selectable external PHY register,
AP_REG1.
Bit
Name
Description
15-0
AP_VALUE2
This register contains the results of
the automatic polling of the user-
selectable external PHY register,
AP_REG2.
Bit
Name
Description
15-0
AP_VALUE3
This register contains the results of
the automatic polling of the user-
selectable external PHY register,
AP_REG3.
Bit
Name
Description
15-0
AP_VALUE4
This register contains the results of
the automatic polling of the user-
selectable external PHY register,
AP_REG4.
Bit
Name
Description
15-0
AP_VALUE5
This register contains the results of
the automatic polling of the user-
selectable external PHY register,
AP_REG5.
Bit
Name
Description
15
AP_REG0_EN
Enable Bit for Autopoll Register 0. This bit is read-only and always has the value 1.
14-13
RES
Reserved locations. Written as zeros and read as undefined
12-8
AP_REG0_
ADDR
AP_REG0 Address. This field is read-only and always has the value 00001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com