Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 9 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 9 Page - ams AG

Back Button AS3687 Datasheet HTML 5Page - ams AG AS3687 Datasheet HTML 6Page - ams AG AS3687 Datasheet HTML 7Page - ams AG AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG AS3687 Datasheet HTML 10Page - ams AG AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
8 - 54
7
Detailed Functional Description
7.1
Step Up DC/DC Converter
The Step Up DC/DC Converter is a high-efficiency current mode PWM regulator, providing output voltage up to e.g.
25V/35mA or e.g. 16V/55mA. A constant switching-frequency results in a low noise on the supply and output voltages.
Figure
11 – Step Up DCDC Converter Block Diagramm Option: Current Feedback with Overvoltage protection
CURR1
CURR2
HV Current Sinks
each 0.156-40mA
CURR6
Step Up DC/DC
Converter
C9
4.7µF
C7
1.5nF
Q1
DCDC_SNS
DCDC_GATE
DCDC_FB
R2
1M
R3
100k
C8
15nF
C6
1µF
R1
Battery
D1
L1
10µH
D6
D7
D8
D10
D9
D11
D13
D12
D14
Table
3 – Step Up DC/DC Converter Parameters
Symbol
Parameter
Min
TYP
Max
Unit
Note
IVDD
Quiescent Current
140
µ A
Pulse skipping mode.
VFB1
Feedback Voltage for
External Resistor Divider
1.20
1.25
1.30
V
For constant voltage control.
step_up_res
= 1
VFB2
Feedback Voltage for Current
Sink Regulation
0.4
0.5
0.6
V
on CURR1, CURR2 or CURR6 in
regulation.
step_up_res
= 0
Additional Tuning Current at
Pin DCDC_FB and
overvoltage protection
0
31
µ A
IDCDC_FB
Accuracy of Feedback
Current at full scale
-6
6
%
Adjustable by software using
Register DCDC control1
1
μA step size (0-15µA)
VPROTECT = 1.25V +
IDCDC_FB * R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com