Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 49 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 49 Page - ams AG

Back Button AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG AS3687 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
48 - 54
8
Register Map
Table
20 – Registermap
Register Definition
Ad
dr.
Def
ault
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Reg. control
00h
00
step_up
_on
cp_on
curr12 control
01h
00h
curr2_mode
curr1_mode
curr rgb control
02h
00h
curr6_mode
curr3 control1
03h
00h
curr33_mode
curr32_mode
curr31_mode
curr30_mode
Curr1 current
09h
00h
curr1_current
Curr2 current
0Ah
00h
curr2_current
Curr3x strobe
0Eh
00h
curr3x_strobe
Curr3x preview
0Fh
00h
curr3x_preview
Curr3x other
10h
00h
curr3x_other
Curr3 strobe
control
11h
00h
strobe_timing
strobe_mode
strobe_ctrl
Curr3 control2
12h
00h
curr3x_
strobe_
high
preview_ctrl
preview
_off_aft
er
strobe
Pwm control
16h
00h
pwm_dim_speed
pwm_dim_mode
pwm code
17h
00h
pwm_code
Pattern control
18h
00h
curr33_
pattern
curr32_
pattern
curr31_
pattern
curr30_
pattern
softdim
_patter
n
pattern_delay
pattern
_color
Pattern data0
19h
00h
pattern_data[7:0]
Pattern data1
1Ah
00h
pattern_data[15:8]
Pattern data2
1Bh
00h
pattern_data[23:16]
Pattern data3
1Ch
00h
pattern_data[31:24]
DCDC control1
21h
00h
step_up_vtuning
step_up_fb
step_up
_frequ
DCDC control2
22h
04h
step_up
_fb_aut
o
curr6_p
rot_on
curr2_p
rot_on
curr1_p
rot_on
step_up
_lowcur
step_up
_prot
skip_fa
st
step_up
_res
CP control
23h
00h
cp_auto
_on
cp_start
_debou
nce
cp_mode_switchin
g
cp_mode
cp_clk
CP mode Switch1
24h
00h
curr33_
on_cp
curr32_
on_cp
curr31_
on_cp
curr30_
on_cp
CP mode Switch2
25h
00h
curr6_o
n_cp
curr2_o
n_cp
curr1_o
n_cp
ADC_control
26h
00h
start_co
nversio
n
adc_on
adc_select
ADC_MSB result
27h
NA
result_n
ot_read
y
D9
D8
D7
D6
D5
D4
D3
ADC_LSB result
28h
NA
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com