Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 25 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 25 Page - ams AG

Back Button AS3687 Datasheet HTML 21Page - ams AG AS3687 Datasheet HTML 22Page - ams AG AS3687 Datasheet HTML 23Page - ams AG AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
24 - 54
Addr: 03h
curr3 control
This register select the mode of the current sinks30 - 33
Bit
Bit Name
Default
Access
Description
1:0
curr30_mode
0
R/W
Select the mode of the current sink curr30
00b = off
01b = strobe/preview
10b = curr30_other PWM controlled
11b = curr30_current
1)
3:2
curr31_mode
0
R/W
Select the mode of the current sink curr31
00b = off
01b = strobe/preview
10b = curr31_other PWM controlled
11b = curr31_current
1)
5:4
curr32_mode
0
R/W
Select the mode of the current sink curr32
00b = off
01b = strobe/preview
10b = curr32_other PWM controlled
11b = curr32_current
1)
7:6
curr33_mode
0
R/W
Select the mode of the current sink curr33
00b = off
01b = strobe/preview
10b = curr33_other PWM controlled
11b = curr33_current
1)
1) don’t use this mode (11b) if softdim_pattern=1, use strobe/preview instead
Addr: 18h
Pattern control
This register controls the LED pattern
Bit
Bit Name
Default
Access
Description
4
curr30_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR30 controlled according curr30_mode register
1b = CURR30 controlled by LED pattern generator
5
curr31_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR31 controlled according curr31_mode register
1b = CURR31 controlled by LED pattern generator
6
curr32_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR32 controlled according curr32_mode register
1b = CURR32 controlled by LED pattern generator
7
curr33_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR33 controlled according curr33_mode register
1b = CURR33 controlled by LED pattern generator
7.3.3 LED Pattern Generator
The LED pattern generator is capable of producing a pattern with 32 bits length and 1 second duration (31.25ms
for each bit). The pattern itself can be started every second, every 2
nd, 3rd or 4th second.
With this pattern all current sinks can be controlled. The pattern itself switches the configured current sources
between 0 and their programmed current.
If everything else is switched off, the current consumption in this mode is IACTIVE. (excluding current through
switched on current source) and the charge pump, if required. The charge pump can be automatically switched
on/off depending on the pattern (see register cp_auto_on in the charge pump section) to reduce the overall
current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com