Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 34 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 34 Page - ams AG

Back Button AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
33 - 54
7.4
LED Test
Figure
25 – LED Function Testing
C9
4.7µF
CPOUT
C8
2.2µF
ADC
Baseband
Processor
Interface
Detect Open LEDs
Detect Shorted LEDs
From DCDC
Step Up
Converter
From Charge
Pump
DCDC_FB
R3
1M
D1
I(step_up_vtuning)
The AS3687/87XM supports the verification of the functionality of the connected LEDs (open and shorted LEDs
can be detected). This feature is especially useful in production test to verify the correct assembly of the LEDs,
all its connectors and cables. It can also be used in the field to verify if any of the LEDs is damaged. A damaged
LED can then be disabled (to avoid unnecessary currents).
The current sources, charge pump, dcdc converter and the internal ADC are used to verify the forward voltage of
the LEDs. If this forward voltage is within the specified limits of the LEDs, the external circuitry is assumed to
operate.
7.4.1 Function Testing for single LEDs connected to the Charge Pump
For any current source connected to the charge pump (CURR30-33) where only one LED is connected between
the charge pump and the current sink (see Figure 1) use:
Table
11 – Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code
1.
Switch on the charge pump and set it into manual 1:2
mode (to avoid automatic mode switching during
measurements)
Reg 23h <- 14h (cp_mode = 1:2, manual)
Reg 00h <- 04h (cp_on = 1)
2.
Switch on the current sink for the LED to be tested
e.g. for register CURR31set to 9mA use
Reg 10h <- 0Fh (curr31_other = 9mA)
Reg 03h <- 0ch (curr31_mode = curr31_other)
3.
Measure with the ADC the voltage on CP_OUT
Reg 26h <- 95h (adc_select=CP_OUT,start ADC)
Fetch the ADC result from Reg 27h and 28h
4.
Measure with the ADC the voltage on the switched on
current sink
Reg 26h <- 8bh (adc_select=CURR31,start ADC)
Fetch the ADC result from Reg 27h and 28h
5.
Switch off the current sink for the LED to be tested
Reg 03h <- 00h (curr31_mode = off)
6.
Compare the difference between the ADC
measurements (which is the actual voltage across the
tested LED) against the specification limits of the
tested LED
Calculation performed in baseband uProcessor
7.
Do the same procedure for the next LED starting from
point 2
Jump to 2. If not all the LEDs have been tested
8.
Switch off the charge pump
set chargepump automatic mode
Reg 00h <- 00h (cp_on = 0)
Reg 23h <- 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com