Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 16 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 16 Page - ams AG

Back Button AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG AS3687 Datasheet HTML 17Page - ams AG AS3687 Datasheet HTML 18Page - ams AG AS3687 Datasheet HTML 19Page - ams AG AS3687 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
15 - 54
Table
6 – Charge Pump Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
Rcp1_2
(Open Loop, fclk =
1MHz)
3.25
Ω
1:1.2 Mode; VBAT >= 3.1V
fclk Accuracy
Accuracy of Clock
Frequency
-10
10
%
currhv_switch
CURR1, 2, 6
minumum voltage
0.45
V
Vcurr3x_switch
CURR30-33
minumum voltage
0.2
V
If the voltage drops below this
threshold, the charge pump will use
the next available mode
(1:1 -> 1:1.5 or 1:1.5 -> 1:2)
240
μsec cp_start_debounce=0
tdeb
CP automatic up-
switching debounce
time
2000
μsec
After switching on CP (cp_on set to
1), if cp_start_debounce=1
7.2.1 Charge Pump Mode Switching
If automatic mode switching is enabled (cp_mode_switching = 00 or cp_mode_switching = 01) the charge pump
monitors the current sinks, which are connected via a led to the output CP_OUT. To identify these current
sources (sinks), the registers cp_mode_switch1 and cp_mode_switch2 (register bits curr30_on_cp …
curr33_on_cp, curr1_on_cp, curr2_on_cp, curr6_on_cp) should be setup before starting the charge pump
(cp_on = 1). If any of the voltage on these current sources drops below the threshold (currlv_switch,
currhv_switch, curr3x_switch), the next higher mode is selected after the debounce time.
To avoid switching into 1:2 mode (battery current = 2 times output current), set cp_mode_switching = 10.
If the currX_on_cp=0 and the according current sink is connected to the chargepump, the current sink will be
functional, but there is no up switching of the chargepump, if the voltage compliance is too low for the current sink
to supply the specified current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com