Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 22 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 22 Page - ams AG

Back Button AS3687 Datasheet HTML 18Page - ams AG AS3687 Datasheet HTML 19Page - ams AG AS3687 Datasheet HTML 20Page - ams AG AS3687 Datasheet HTML 21Page - ams AG AS3687 Datasheet HTML 22Page - ams AG AS3687 Datasheet HTML 23Page - ams AG AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
21 - 54
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
3
stepup_lowcur
1
R/W
Step Up DC/DC Converter coil current limit.
0: Normal current limit
1: Current limit reduced by approx. 33%
4
curr1_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR1 switched on, if voltage on
CURR1 exceeds 13.75V, and step_up_on=1
5
curr2_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR2 switched on, if voltage
exceeds on CURR2 13.75V, and step_up_on=1
6
curr6_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR6 switched on, if voltage on
CURR6 exceeds 13.75V, and step_up_on=1
7
step_up_fb_auto
0
R/W
0 = step_up_fb select the feedback of the DCDC converter
1 = The feedback is automatically chosen within the current
sinks CURR1and CURR2 (never DCDC_FB). Only those
are used for this selection, which are enabled (currX_mode
must not be 00) and not connected to the charge pump
(currX_on_cp must be 0).
7.3.2 Current Sinks CURR30, CURR31, CURR32, CURR33
These current sinks have a resolution of 8 bits and can sink up to 40mA. The current values can be controlled
individually with curr30_current – curr33_current or common with curr3x_strobe or curr3x_preview.
Table
9 – Current Sinks CURR30,31,32,33 Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
IBIT7
Current sink if Bit7 = 1
19.2
IBIT6
Current sink if Bit6 = 1
9.6
IBIT5
Current sink if Bit5 = 1
4.8
IBIT4
Current sink if Bit4 = 1
2.4
IBIT3
Current sink if Bit3 = 1
1.2
IBIT2
Current sink if Bit2 = 1
0.6
IBIT1
Current sink if Bit1 = 1
0.3
IBIT0
Current sink if Bit0 = 1
0.15
mA
For V(CURR3x) > 0.2V
Δm
matching Accuracy
-10
+10
%
CURR30-33
Δ
absolute Accuracy
-15
+15
%
VCURR3X
Voltage compliance
0.2
CPOUT
V
7.3.2.1 Current Sinks CURR3x Registers
Addr: 12h
Curr3 control1
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access Description
0
preview_off_after
strobe
0b
R/W
Select the switch off mode after strobe pulse
0 = normal preview/strobe mode,
1 = switch off preview after strobe duration has expired. To reinitiate
the torch mode the preview_ctrl has to be set off and on again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com