Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 13 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 13 Page - ams AG

Back Button AS3687 Datasheet HTML 9Page - ams AG AS3687 Datasheet HTML 10Page - ams AG AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG AS3687 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
12 - 54
DCDC Control 1
Addr: 21h
This register controls the Step Up DC/DC Converter.
Bit
Bit Name
Default
Access
Description
0
step_up_frequ
0
R/W
Defines the clock frequency of the Step Up DC/DC
Converter.
0 = 1 MHz
1 = 500 kHz
2:1
step_up_fb
00
R/W
Controls the feedback source if step_up_fb_auto = 0
00 = DCDC_FB enabled (external resistor divider).
Set step_up_fb=00 (DCDC_FB), if external
PWM is enabled for CURR1, CURR2 or CURR6
01 = CURR1 feedback enabled (feedback via white LEDs.
10 = CURR2 feedback enabled (feedback via white LEDs.
11 = CURR6 feedback enabled (feedback via white LEDs.
7:3
step_up_vtuning
00000
R/W
Defines the tuning current at pin DCDC_FB.
00000 = 0
μA
00001 = 1
μA
00010 = 2
μA
10000 = 15
μA
11111 = 31
μA
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
0
step_up_res
0
R/W
Gain selection for Step Up DC/DC Converter.
0 = Select 0 if Step Up DC/DC Converter is used with
current feedback (CURR1, CURR2 , CURR6) or if
DCDC_FB is used with current feedback only – only R1,
C1 connected
1 = Select 1 if DCDC_FB is used with external resistor
divider (2 resistors).
1
skip_fast
0
R/W
Step Up DC/DC Converter output voltage at low loads,
when pulse skipping is active.
0 = Accurate output voltage, more ripple.
1 = Elevated output voltage, less ripple.
2
step_up_prot
1
R/W
Step Up DC/DC Converter protection.
0 = No overvoltage protection.
1 = Overvoltage protection on pin DCDC_FB enabled
voltage limitation =1.25V on DCDC_FB
3
stepup_lowcur
1
R/W
Step Up DC/DC Converter coil current limit.
0 = Normal current limit
1 = Current limit reduced by approx. 33%
4
curr1_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current switched on, if voltage exceeds
13.75V, and step_up_on=1
5
curr2_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current switched on, if voltage exceeds
13.75V, and step_up_on=1
6
curr6_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current switched on, if voltage exceeds
13.75V, and step_up_on=1
7
step_up_fb_auto
0
R/W
0 = step_up_fb select the feedback of the DCDC converter
1 = The feedback is automatically chosen within the current
sinks CURR1, CURR2 and CURR6 (never DCDC_FB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com