Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 33 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 33 Page - ams AG

Back Button AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
32 - 54
Addr: 34h
Adder Enable 2
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default
Access
Description
0
curr1_adder
0
R/W
Enables adder circuit for current source CURR1
0 = Normal Operation of the current source
1 = adder_current1 gets added to the current source current
1
curr2_adder
0
R/W
Enables adder circuit for current source CURR2
0 = Normal Operation of the current source
1 = adder_current2 gets added to the current source current
2
curr6_adder
0
R/W
Enables adder circuit for current source CURR6
0 = Normal Operation of the current source
1 = adder_current3 gets added to the current source current
3
curr30_adder
0
R/W
Enables adder circuit for current source CURR30
0 = Normal Operation of the current source
1 = adder_current1 gets added to the current source current
4
curr31_adder
0
R/W
Enables adder circuit for current source CURR31
0 = Normal Operation of the current source
1 = adder_current2 gets added to the current source current
5
curr32_adder
0
R/W
Enables adder circuit for current source CURR32
0 = Normal Operation of the current source
1 = adder_current3 gets added to the current source current
Addr: 35h
Subtract Enable
Enable the inversion from the signal from the pwm generator
Bit
Bit Name
Default
Access
Description
0
sub_en1
0
R/W
Inverts the signal from the pwm generator
0 = Direct Operation (no inversion)
1 = The signal from the pwm generator for which the adder
is enabled (curr1_adder = 1, curr30_adder = 1)
is inverted
1
sub_en2
0
R/W
Inverts the signal from the pwm generator
0 = Direct Operation (no inversion)
1 = The signal from the pwm generator for which the adder
is enabled (curr2_adder = 1, curr31_adder = 1)
is inverted
2
sub_en3
0
R/W
Inverts the signal from the pwm generator
0 = Direct Operation (no inversion)
1 = The signal from the pwm generator for which the adder
is enabled (curr6_adder = 1, curr32_adder = 1)
is inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com