Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 12 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 12 Page - ams AG

Back Button AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG AS3687 Datasheet HTML 10Page - ams AG AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
11 - 54
R2 = Feedback resistor R2.
R3 = Feedback resistor R3.
IDCDC_FB = Tuning current at pin 29 (DCDC_FB); 0 to 31µA.
Table
4 – Voltage Feedback Example Values
Ivtuning
Ustepup_out
Ustepup_out
µ A
R2 = 1M
Ω, R3 not used
R2 = 500k
Ω, R3 = 50kΩ
0
-
13.75
1
-
14.25
2
-
14.75
3
-
15.25
4
-
15.75
5
6.25
16.25
6
7.25
16.75
7
8.25
17.25
8
9.25
17.75
9
10.25
18.25
10
11.25
18.75
11
12.25
19.25
12
13.25
19.75
13
14.25
20.25
14
15.25
20.75
15
16.25
21.25
…
…
…
30
31.25
28.75
31
32.25
29.25
Caution:
The voltage on CURR1, CURR2 and CURR6 must not exceed 15V – see also section ‘High
Voltage Current Sinks’.
7.1.4 PCB Layout Hints
To ensure good EMC performance of the DCDC converter, keep its external power components C2, R2, L1, Q1,
D1 and C9 close together. Connect the ground of C2, Q1 and C9 locally together and connect this path with a
single via to the main ground plane. This ensures that local high-frequency currents will not flow to the battery.
7.1.5 Step up Registers
Reg. Control
Addr: 00
This register enables/disables the Charge Pump and the Step Up DC/DC Converter
Bit
Bit Name
Default
Access
Description
3
step_up_on
0
R/W
Enable the step up converter
0b = Disable the Step Up DC/DC Converter.
1b = Enable the Step Up DC/DC Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com