Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 38 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 38 Page - ams AG

Back Button AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
37 - 54
Addr: 26h
ADC_control
This register input source selection and initialization of ADC.
Bit
Bit Name
Default
Access
Description
5:0
adc_select
1
0
R/W
Selects input source as ADC input.
000000 (00h) = reserved
000001 (01h) = reserved
000010 (02h) = reserved
000011 (03h) = reserved
000100 (04h) = reserved
000101 (05h) = reserved
000110 (06h) = reserved
000111 (07h) = reserved
001000 (08h) = CURR1
001001 (09h) = CURR2
001010 (0Ah) = CURR30
001011 (0Bh) = CURR31
001100 (0Ch) = CURR32
001101 (0Dh) = CURR33
001110 (0Eh) = reserved
001111 (0Fh) = reserved
010000 (10h) = reserved
010001 (11h) = reserved
010010 (12h) = reserved
010011 (13h) = CURR6
010100 (14h) = VBAT
010101 (15h) = CP_OUT
010110 (16h) = DCDC_FB
010111 (17h) = ADCTEMP_CODE (junction temperature)
011xxx, 1xxxxx = reserved
6
reserved – don’t use; always write 0 to this register
7
start_conversion
N/A
W
Writing a 1 into this bit starts one ADC conversion cycle.
Notes:
1.
See Table ‘ADC Input Ranges, Compliances and Resolution’ for ADC ranges and possible
Figure
27 – ADC Circuit
10bit SAR
ADC
V2_5
D9:D0
result_not_ready
CURR6
DCDC_FB
vtemp
CURR2
CURR1
180k
120k
CURR32
CURR33
VBAT
CURR31
CURR30
VCP
nc
adc_select
Control
start_conversion
1MHz
7.6
Audio controlled RGB LEDs (only AS3687XM)
Up to 2 RGB LEDs (connected to the pins CURR30-CURR32 and/or CURR1,2,6) can be controlled by an audio
source (connected to pin CURR33/AUDIO_IN).
The color of the RGB LED(s) is depending on the input
amplitude and it starts from black transitions to blue, green, cyan, yellow, red and for high amplitudes white is
used (internal lookup table if audio_color=000b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com