Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 10 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 10 Page - ams AG

Back Button AS3687 Datasheet HTML 6Page - ams AG AS3687 Datasheet HTML 7Page - ams AG AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG AS3687 Datasheet HTML 10Page - ams AG AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
9 - 54
Table
3 – Step Up DC/DC Converter Parameters
Symbol
Parameter
Min
TYP
Max
Unit
Note
Vrsense_max
46
66
85
e.g., 0.66A for 0.1
Ω sense
resistor
Vrsense_max_st
art
25
33
43
For fixed startup time of
500us
Vrsense_max_lc
Current Limit Voltage at
RSENSE (R1)
30
43
57
mV
If stepup_lowcur= 1
RSW
Switch Resistance
1
Ω
ON-resistance of external
switching transistor.
0
55
At 16V output voltage.
Iload
Load Current
0
35
mA
At 25V output voltage.
fIN
Switching Frequency
0.9
1
1.1
MHz
Internally trimmed.
Cout
Output Capacitor
0.7
4.7
µ F
Ceramic, ±20%. Use nominal
4.7
μF capacitors to obtain at least
0.7µF under all conditions
(voltage dependance of
capacitors)
L
Inductor
7
10
13
µ H
Use inductors with small Cparasitic
(<100pF) to get high efficiency.
tMIN_ON
Minimum on Time
90
140
190
ns
MDC
Maximum Duty Cycle
88
91
%
Voltage ripple >20kHz
160
mV
Vripple
Voltage ripple <20kHz
40
mV
Cout=4.7uF,Iout=0..45mA,
Vbat=3.0...4.2V
Efficiency
Efficiency
85
%
Iout=20mA,Vout=17V,Vbat=3.8V
To ensure soft startup of the dcdc converter, the overcurrent limits are reduced for a fixed time after enabling the
dcdc converter. The total startup time for an output voltage of e.g. 25V is less than 2ms.
7.1.1 Feedback Selection
Register 12 (DCDC Control) selects the type of feedback for the Step Up DC/DC Converter.
The feedback for the DC/DC converter can be selected either by current sinks (CURR1, CURR2, CURR6) or by a
voltage feedback at pin DCDC_FB. If the register bit step_up_fb_auto is set, the feedback path is automatically
selected between CURR1, CURR2 and CURR6 (the lowest voltage of these current sinks is used).
Setting step_up_fb enables feedback on the pins CURR1, CURR2 or CURR6. The Step Up DC/DC Converter is
regulated such that the required current at the feedback path can be supported. (Bit step_up_res should be set
to 0 in this configuration)
Note
: Always choose the path with the highest voltage drop as feedback to guarantee adequate supply for the
other (unregulated) paths or enable the register bit step_up_fb_auto.
7.1.2 Overvoltage Protection in Current Feedback Mode
The overvoltage protection in current feedback mode (step_up_fb = 01, 10 or 11 or step_up_fb_auto = 1) works
as follows: Only resistor R3 and C10/C11 is soldered and R4 is omitted. An internal current source (sink) is
used to generate a voltage drop across the resistor R3. If then the voltage on DCDC_FB is above 1.25V, the
DCDC is momentarily disabled to avoid too high voltages on the output of the DCDC converter.
The protection voltage can be calculated according to the following formula:
VPROTECT = 1.25V + IDCDC_FB * R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com