Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 42 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 42 Page - ams AG

Back Button AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
41 - 54
7.6.2 Audio Control Registers
Audio Control (only AS3687XM)
Addr: 46h
Audio Controlled LED Mode control
Bit
Bit Name
Default
Access
Description
0
aud_buf_on
0b
R/W
Audio input buffer enable
0 off
1 on
4:2
audio_color
000b
R/W
audio controlled LED color selection
000 color scheme defined by lookup table
001-111 fixed color scheme (b2=R, b1=G, b0=B) – single
color only (e.g. Red: 100b)
7:6
audio_speed
00b
R/W
Audio controlled LED persistence time
00 none
01 200ms
10 400ms
11 800ms
Audio Input (only AS3687XM)
Addr: 47h
Audio controlled LED input control
Bit
Bit Name
Default
Access
Description
2:0
audio_gain
000b
R/W
Audio input buffer gain control
000 -12dB
001 -6dB
010
0dB
011 +6dB
100 +12dB
101 +18dB
110 +24dB
111 +30dB
5:3
agc_ctrl
000b
R/W
Audio input buffer AGC function
controls AGC transfer function
000
AGC off
001
attenuate low amplitude signals otherwise linear
response (to remove e.g. noise)
010
AGC curve A; slow decay of amplitude detection
011
AGC curve A; fast decay of amplitude detection
100
AGC curve B; slow decay of amplitude detection
101
AGC curve B; fast decay of amplitude detection
110
AGC curve C; slow decay of amplitude detection
111
AGC curve C; fast decay of amplitude detection
6
audio_man_start
0b
R/W
Startup Control of audio input buffer (for charging of
external AC-coupling capacitor)
0 automatic precharging 300us (if audio_dis_start = 0)
1 continuously precharging (if audio_buf_on = 1)
7
audio_dis_start
0b
R/W
Disable Startup Control of audio input buffer
0 precharging enabled
1 precharging disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com