Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 28 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 28 Page - ams AG

Back Button AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
27 - 54
Addr: 18h
Pattern control
This register controls the LED pattern
Bit
Bit Name
Default
Access
Description
0
pattern_color
0
R/W
Defines the pattern type for the current sinks
0b = single 32 bit pattern (also set currX_mode = 11)
1b = RGB pattern with each 10 bits (set all currX_mode =
11)
2:1
pattern_delay
00b
R/W
Delay between pattern, details see table LED Pattern timing;
together with pattern_delay2 sets the delay time between
patterns
3
softdim_pattern
0b
R/W
Enable the ‘soft’ dimming feature for the pattern generator
0 = Pattern generator directly control current sources
1 = ‘Soft Dimming’ is performed – see section ’Soft Dimming
for pattern’
4
curr30_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR30 controlled according curr30_mode register
1b = CURR30 controlled by LED pattern generator
5
curr31_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR31 controlled according curr31_mode register
1b = CURR31 controlled by LED pattern generator
6
curr32_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR32 controlled according curr32_mode register
1b = CURR32 controlled by LED pattern generator
7
curr33_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR33 controlled according curr33_mode register
1b = CURR33 controlled by LED pattern generator
Addr: 2Ch
gpio_current
Bit
Bit Name
Default
Access
Description
4
pattern_delay2
0
R/W
Delay between pattern see table LED Pattern timing;
together with pattern_delay sets the delay time between
patterns
6
pattern_slow
0
R/W
Pattern timing control
0b = normal mode
1b = slow mode (all pattern times are increased by a
factor of eight)
Figure
20 –LED Pattern timing
pattern_slow pattern_delay2 pattern_delay[1..0]
bit duration [ms]
delay [s]
pattern duration [s]
delay between patterns
pattern_color=0 pattern_color=1
between
patterns
(total cycle time:
pattern + delay)
0
0
00
31
100
0
1
1
0
0
01
31
100
1
2
0
0
10
31
100
2
3
0
0
11
31
100
3
4
0
1
00
31
100
4
5
0
1
01
31
100
5
6
0
1
10
31
100
6
7
0
1
11
31
100
7
8
1
0
00
250
800
0
8
1 Even by setting 000 for pattern delay, there is a small delay before the new patterns starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com