Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 26 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 26 Page - ams AG

Back Button AS3687 Datasheet HTML 22Page - ams AG AS3687 Datasheet HTML 23Page - ams AG AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
25 - 54
Figure
15 – LED Pattern Generator AS3687/87XM for pattern_color = 0
any current sink
1 23 4 56 78 9 ... 32
I
t
12 3 4 56
At this time a delay of 0s,1s,2s,...,8s,16s,24s,32s,40s,48s,56s
can be programmed
78 9...
Defined by bit in the setup register pattern_data
in this example the code is 101110011...
31.25ms
(250ms if pattern_slow=1)
To select the different current sinks to be controlled by the LED pattern generator, see the ‘xxxx’_mode registers
(where ‘xxxx’ stands for the to be controlled current sink, e.g. curr1_mode for CURR1 current sink). See also the
descirption of the different current sinks.
To allow the generator of a color patterns set the bit pattern_color to ‘1’. Then the pattern can be connected to
CURR30-32 as follows:
Figure
16 – LED Pattern Generator AS3687/87XM for pattern_color = 1
CURR1/CURR30
CURR2/CURR31
CURR6/CURR32,33
36 9
... 30
I
t
...
100ms
(800ms if pattern_slow=1)
... 29
... 28
14 7
25 8
36 9
14 7
25 8
...
...
Defined by bit in the setup register pattern_data
in this example the code is 111110001011111000110111...
At this time a delay of 0s,1s,2s,...,8s,16s,24s,32s,40s,48s,56s
can be programmed
Only those current sinks will be controlled, where the ‘xxxx’_mode register is configured for LED pattern.
If the register bit pattern_slow is set, all pattern times are increased by a factor of eigth. (bit duration: 250ms if
pattern_color=0 / 800ms if pattern_color=1, delays between pattern up to 24s).
7.3.3.1 Soft Dimming for Pattern
The internal pattern generator can be combined with the internal pwm dimming modulator to obtain as shown in
the following figure:
Figure
17 – Softdimming Architecture for the AS3687/87XM (softdim_pattern=1 and pattern_color = 1)
Pattern
Generator
Dimming
Ramp
Gen
up down
8
PWM
Modulator
Zero
Detect
RS
Flip Flop
set
reset
out
RS
Flip Flop
set
reset
out
RS
Flip Flop
set
reset
out
CURR1/CURR30
CURR2/CURR31
CURR6/CURR32,33
controls current sources (on/off) for
current source where
currX_mode = LED pattern
With the AS3687/87XM smooth fade-in and fade-out effects can be automatically generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com