Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 50 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 50 Page - ams AG

Back Button AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG AS3687 Datasheet HTML 53Page - ams AG AS3687 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
49 - 54
Table
20 – Registermap
Register Definition
Ad
dr.
Def
ault
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Overtemp control
29h
01h
shutdw
n_enab
rst_ov_t
emp
ov_tem
p
ov_tem
p_on
Curr low voltage
status1
2Ah
NA
curr6_lo
w_v
curr33_l
ow_v
curr32_l
ow_v
curr31_l
ow_v
curr30_l
ow_v
Curr low voltage
status2
2Bh
NA
curr2_lo
w_v
curr1_lo
w_v
gpio current
2Ch
00h
pattern
_slow
pattern
_delay2
curr6 current
2Fh
00h
curr6_current
Adder Current 1
30h
00h
adder_current1 (can be enabled for CURR30, CURR1)
Adder Current 2
31h
00h
adder_current2 (can be enabled for CURR31, CURR2)
Adder Current 3
32h
00h
adder_current3 (can be enabled for CURR32, CURR6)
Adder Enable 2
34h
00h
curr32_
adder
curr31_
adder
curr30_
adder
curr6_a
dder
curr2_a
dder
curr1_a
dder
Subtract Enable
35h
00h
sub_en
3
sub_en
2
sub_en
1
ASIC ID1
3Eh
CAh
1
1
0
0
1
0
1
0
ASIC ID2
3Fh
50h
0
1
0
1
revision
Curr30 current
40h
00h
curr30_current
Curr31 current
41h
00h
curr31_current
Curr32 current
42h
00h
curr32_current
Curr33 current
43h
00h
curr33_current
Audio Control
(only AS3687XM)
46h
00h
audio_speed
audio_color
aud_buf
_on
Audio input
(only AS3687XM)
47h
00h
audio_d
is_start
audio_
man_st
art
agc_ctrl
audio_gain
Audio output
(only AS3687XM)
48h
00h
curr126
_out
curr3x_
out
rgb_amplitude
Note: If writing to register, write 0 to unused bits
Note: Write to read only bits will be ignored
Note: y yellow color = read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com