Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 19 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 19 Page - ams AG

Back Button AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG AS3687 Datasheet HTML 17Page - ams AG AS3687 Datasheet HTML 18Page - ams AG AS3687 Datasheet HTML 19Page - ams AG AS3687 Datasheet HTML 20Page - ams AG AS3687 Datasheet HTML 21Page - ams AG AS3687 Datasheet HTML 22Page - ams AG AS3687 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
18 - 54
CP Mode Switch 2
Addr: 25h
Setup which current sinks are connected (via leds) to the charge pump; if set to ‘1’ the
correspond current source (sink) is used for automatic mode selection of the charge
pump
Bit
Bit Name
Default
Access
Description
0
curr1_on_cp
0
R/W
0 = current Sink CURR1 is not connected to charge pump
1 = current sink CURR1 is connected to charge pump
1
curr2_on_cp
0
R/W
0 = current Sink CURR2 is not connected to charge pump
1 = current sink CURR2 is connected to charge pump
7
curr6_on_cp
0
R/W
0 = current Sink CURR6 is not connected to charge pump
1 = current sink CURR6 is connected to charge pump
Curr low voltage status 1
Addr: 2Ah
Indicates the low voltage status of the current sinks. If the currX_low_v bit is set, the
voltage on the current sink is too low, to drive the selected output current
Bit
Bit Name
Default
Access
Description
0
curr30_low_v
1
R
0 = voltage of current Sink CURR30 >curr3x_switch
1 = voltage of current Sink CURR30 <curr3x_switch
1
curr31_low_v
1
R
0 = voltage of current Sink CURR31 >curr3x_switch
1 = voltage of current Sink CURR31 <curr3x_switch
2
curr32_low_v
1
R
0 = voltage of current Sink CURR32 >curr3x_switch
1 = voltage of current Sink CURR32 <curr3x_switch
3
curr33_low_v
1
R
0 = voltage of current Sink CURR33 >curr3x_switch
1 = voltage of current Sink CURR33 <curr3x_switch
7
curr6_low_v
0
R
0 = voltage of current Sink CURR6 >currlv_switch
1 = voltage of current Sink CURR6 <currlv_switch
Curr low voltage status 2
Addr: 2Bh
Indicates the low voltage status of the current sinks. If the currX_low_v bit is set, the
voltage on the current sink is too low, to drive the selected output current
Bit
Bit Name
Default
Access
Description
0
curr1_low_v
0
R
0 = voltage of current Sink CURR1 >currhv_switch
1 = voltage of current Sink CURR1 <currhv_switch
1
curr2_low_v
0
R
0 = voltage of current Sink CURR2 >currhv_switch
1 = voltage of current Sink CURR2 <currhv_switch
7.3
Current Sinks
The AS3687/87XM contains general purpose current sinks intended to control backlights, buzzers, and vibrators.
All current sinks have an integrated protection against overvoltage.
CURR1, CURR2 and CURR6 is also used as feedback for the Step Up DC/DC Converter (regulated to 0.5V in
this configuration).
Current sinks CURR1, CURR2 and CURR6 are high-voltage compliant (15V) current sinks, used e.g., for
series of white LEDs
Current sinks CURR3x (CURR30, CURR31, CURR32 and CURR33) are parallel 5V current sinks, used for
backlighting or indicator LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com