Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 51 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 51 Page - ams AG

Back Button AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG AS3687 Datasheet HTML 53Page - ams AG AS3687 Datasheet HTML 54Page - ams AG AS3687 Datasheet HTML 55Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
50 - 54
9
External Components
Table
21 – External Components List
Part Number
Value
min
typ
max
Tol
(min)
Rating
(max)
Notes
Package
(min)
C1
1µF
+/-20%
6.3V
Ceramic, X5R (V2_5 output)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C2
1µF
+/-20%
6.3V
Ceramic, X5R (VBAT) (e.g.
Taiyo Yuden
JMK107BJ225MA-T)
0402
C3
500nF
+/-20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK107BJ225MA-T)
0402
C4
500nF
+/-20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK107BJ225MA-T)
0402
C5
1µF
+/-20%
6.3V
Ceramic, X5R (Charge Pump
Output) (e.g. Taiyo Yuden
JMK107BJ225MA-T)
0403
C6
1µF
+/-20%
6.3V
Ceramic, X5R (Step Up
DCDC input) (e.g. Taiyo
Yuden JMK107BJ225MA-T)
0402
C7
1.5nF
+/-20%
25V
Ceramic, X5R (Step Up
DCDC Feedback, 150pF for
overvoltage protection)
0402
C8
15nF
+/-20%
6.3V
Ceramic, X5R (Step Up
DCDC Feedback, 1.5nF for
overvoltage protection)
0402
C9
4.7µF
+/-20%
25V
Ceramic, X5R, X7R (Step Up
DCDC output)
(e.g. Taiyo Yuden
TMK316BJ475KG)
1206
(0805)
C10
100nF
+/-20%
6.3V
Ceramic, X5R, X7R (Audio
DC Block capacitor) – only for
AS3687XM
0402
R1
100mΩ
+/-5%
Shunt Resistor
0603
R2
1MΩ
+/-1%
Step Up DC/DC Converter
Voltage Feedback
0201
R3
100kΩ
+/-1%
Step Up DC/DC Converter
Voltage Feedback - not
required for overvoltage
protection
0201
R4
1-10kΩ
+/-1%
I2C Bus DATA Pullup resistor
– usually already inside I2C
master
0201
R5
I2C Bus CLK Pullup resistor –
usually already inside I2C
master
0201
L1
10µH
+/-20%
Panasonic ELLSFG100MA
or TDK VLF3012A or
LQH3NPN100NJ0
Q1 (+ D1)
FDFMA3N109
Integrated NMOS and
Schottky diode
MicroFET
2x2mm
D2:D14
LED
As required by application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com