Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 4 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 4 Page - ams AG

  AS3687 Datasheet HTML 1Page - ams AG AS3687 Datasheet HTML 2Page - ams AG AS3687 Datasheet HTML 3Page - ams AG AS3687 Datasheet HTML 4Page - ams AG AS3687 Datasheet HTML 5Page - ams AG AS3687 Datasheet HTML 6Page - ams AG AS3687 Datasheet HTML 7Page - ams AG AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
3 - 54
Figure
2 – Application Diagram of the AS3687XM
Step Up DC/DC
Converter
DCDC_SNS
DCDC_GATE
DCDC_FB
Charge Pump
1:1, 1:1.5, 1:2
150mA
Battery
VBAT
C2_P
C2
1µF
C3
500nF
C2_N
C1_P
C4
500nF
C1_N
CPOUT
C5
1.0µF
CURR30
CURR31
CURR32
Current Sinks
each 0.15-38.25mA
CURR1
CURR2
HV Current Sinks
each 0.15-38.25mA
Serial
Interface
R4
1-10k
VDD_I/F
CLK
CLK
DATA
References
and
Temperature
Supervision
C1
1µF
V2_5
DATA
AS3687XM
Lighting
Management
Unit
8Bit PWM
Generator
Automatic Dimming
and LED Pattern
Generator
VSS
LED
Test
VBAT
Zero Power
Device
Wakeup
ADC
vtemp
currx
dcdc
CURR6
Audio Processing
CURR33/AUDIO_IN
Audio IN
DRGB1
D2
D3
D4
DRGB2
Alternative:
2
nd Audio or Backlight
Alternative:
use DCDC step up
for CURR1,2,6
C9
4.7µF
C7
1.5nF
Q1
DCDC_FB
R2
1M
C8
15nF
C6
1µF
R1
0.1
D1
L1
10µH
C10
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com