Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 43 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 43 Page - ams AG

Back Button AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
42 - 54
Audio output (only AS3687XM)
Addr: 48h
Audio controlled LED input control
Bit
Bit Name
Default
Access
Description
2:0
rgb_amplitude
000b
R/W
RGB output amplitude control (in % of selected output
current) – master amplitude control
000 6.25%
001 12.5%
010 25%
011 50%
100 75%
101 87.5%
110 93.75%
111 100%
3
curr3x_out
0b
R/W
Audio sync enable for CURR30-CURR32
0 off
1 on, ADC continuously running with f=500kHz
4
curr126_out
0b
R/W
Audio sync enable for CURR1, CURR2, CURR6
0 off
1 on, ADC continuously running with f=500kHz
7.7
Power-On Reset
The internal reset is controlled by two sources:
VBAT Supply
Serial interface state (SCL, SDA)
The internal reset is forced if VBAT is low or if both interface pins (SCL, SDA) are low for more than 100ms. The
device enters shutdown mode, when SCL and SDA remain low.
The reset levels control the state of all registers. As long as VBAT and SCL/SDA are below their reset thresholds,
the register contents are set to default. Access by serial interface is possible once the reset thresholds are
exceeded.
Figure
33 – Zero Power Device Wakeup block diagram
Serial
Interface
Logic
R4
1-10k
VDD_I/F
CLK
CLK
DATA
DATA
Zero Power
Device Wakeup
R5
shutdn_disab
debounce
timer
1ms/100ms
power-on to internal
references and V2_5 LDO
on
VBAT
V2_5
VBAT
fast_shutdwn
VBAT
V2_5
V2_5
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com