Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 44 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 44 Page - ams AG

Back Button AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
43 - 54
Table
16 – Reset Levels
Symbol
Parameter
Min
Typ
Max
Unit
Note
VPOR_VBAT
Overall Power-On
Reset
1.8
2.15
2.4
V
Monitor voltage on V2_5; power-on
reset for all internal functions.
2
VPOR_PERI
Reset Level for pins
SCL, SDA
0.29
1.0
1.38
V
Monitor voltage on pins SCL, SDA
tPOR_DEB
Reset debounce time
for pins SCL, SDA
80
100
120
ms
tSTART
Interface Startup Time
4
6
8
ms
7.7.1 Reset control register
Addr: 29h
Overtemp Control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default
Access
Description
4
shutdwn_enab
0
R/W
Enable Shutdown mode and serial interface reset.
0 Serial Interface reset disabled. Device does not enter
Shutdown mode
1 Serial Interface reset enabled, device enters shutdown
when SCL and SDA remain low for min. 120ms
7.8
Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3687/87XM. This sensor
generates a flag if the device temperature reaches the overtemperature threshold of 140º. The threshold has a
hysteresis to prevent oscillation effects.
If the device temperature exceeds the 140º threshold all current sources, the charge pump and the dcdc
converter is disabled and the ov_temp flag is set. After decreasing the temperature by 5º (typically) operation is
resumed.
The ov_temp flag can only be reset by first writing a 1 and then a 0 to the bit rst_ov_temp.
Bit ov_temp_on = 1 activates temperature supervision.
Table
17 – Overtemperature Detection
Symbol
Parameter
Min
Typ
Max
Unit
Note
T140
ov_temp Rising Threshold
140
º C
Thyst
ov_temp Hystersis
5
º C
2 Guaranteed by design – not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com