Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 15 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 15 Page - ams AG

Back Button AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG AS3687 Datasheet HTML 17Page - ams AG AS3687 Datasheet HTML 18Page - ams AG AS3687 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
14 - 54
Figure
13 – Charge Pump Pin Connections
Charge Pump
1:1, 1:1.5, 1:2
150mA
Battery
VBAT
C2_P
C3
500nF
C2_N
C1_P
C4
500nF
C1_N
CPOUT
C2
1µF
C5
1.0µF
The Charge Pump requires the external components listed in the following table:
Table
5 – Charge Pump External Components
Symbol
Parameter
Min
Typ
Max
Unit
Note
C2
External Decoupling
Capacitor
1.0
µF
Ceramic low-ESR capacitor between
pins VBAT and VSS.
C3, C4
External Flying
Capacitor (2x)
500
nF
Ceramic low-ESR capacitor between
pins C1_P and C1_N, between pins
C2_P and C2_N and between VBAT
and VSS.
C5
External Storage
Capacitor
1.0
µF
Ceramic low-ESR capacitor between
pins CP_OUT and VSS, pins
CP_OUT and VSS. Use nominal 1µF
capacitors (size 0603)
Note:
1.) The connections of the external capacitors C2, C3, C4 and C5 should be kept as short as possible.
2.) The maximum voltage on the flying capacitors C3 and C4 is VBAT
Table
6 – Charge Pump Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
ICPOUT
Output Current
Continuous
0.0
150
mA
Depending on PCB layout
VCPOUTmax
Output Voltage
5.5
V
Internally limited, Including output
ripple
η
Efficiency
60
90
%
Including current sink loss;
ICPOUT < 100mA.
ICP1_1.5
3.4
1:1.5 Mode
ICP1_2
Power Consumption
without Load
fclk = 1 MHz
3.8
mA
1:2 Mode
Rcp1_1
0.57
Ω
1:1 Mode; VBAT >= 3.5V
Rcp1_1.5
Effective Charge Pump
Output Resistance
2.65
Ω
1:1.5 Mode; VBAT >= 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com