Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 29 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 29 Page - ams AG

Back Button AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
28 - 54
Figure
20 –LED Pattern timing
pattern_slow pattern_delay2 pattern_delay[1..0]
bit duration [ms]
delay [s]
pattern duration [s]
delay between patterns
pattern_color=0 pattern_color=1
between
patterns
(total cycle time:
pattern + delay)
1
0
01
250
800
8
16
1
0
10
250
800
16
24
1
0
11
250
800
24
32
1
1
00
250
800
32
40
1
1
01
250
800
40
48
1
1
10
250
800
48
56
1
1
11
250
800
56
64
7.3.4 PWM Generator
The PWM generator can be used for any current sink (CURR1, CURR2, CURR3x, CURR6). The setting applies
for all current sinks, which are controlled by the pwm generator (e.g. CURR1 is pwm controlled if curr1_mode =
10). The pwm modulated signal can switch on/off the current sinks and therefore depending on its duty cycle
change the brightness of an attached LED.
7.3.4.1 Internal PWM Generator
The internal PWM generator uses the 2MHz internal clock as input frequency and its dimming range is 6 bits
digital (2MHz / 2^6 = 31.3kHz pwm frequency) and 2 bits analog. Depending on the actual code in the register
‘pwm_code’ the following algorithm is used:
If pwm_code bit 7 = 1
Then the upper 6 bits (Bits 7:2) of pwm_code are used for the 6 bits PWM generation, which controls the
selected currents sinks directly
If pwm_code bit 7 =0 and bit 6 = 1
Then bits 6:1 of pwm_code are used for the 6 bits PWM generation. This signal controls the selected current
sinks, but the analog current of these sinks is divided by 2
If pwm_code bit 7 and bit 6 = 0
Then bits 5:0 of pwm_code are used for the 6 bits PWM generation. This signal controls the selected current
sinks, but the analog current of these sinks is divided by 4
Figure
21 – PWM Control
pwm_code
7 6 5 4 3 2 1 0
6 bit PWM
to current sink(s)
6 bit PWM
to current sink(s) but analog
currents are divided by 2
0
6 bit PWM
to current sink(s) but analog
currents are divided by 4
00
Automatic Up/Down Dimming
If the register pwm_dim_mode is set to 01 (up dimming) or 10 (down dimming) the value within the register
pwm_code is increased (up dimming) or decreased (down dimming) every time and amount (either 1/4
th or 1/8th)
defined by the register pwm_dim_speed. The maximum value of 255 (completely on) and the minimum value of
0 (off) is never exceeded. It is used to smoothly and automatically dim the brightness of the LEDs connceted to
any of the current sinks. The PWM code is readable all the time (Also during up and down dimming)
The waveform for up dimming looks as follows (cycles omitted for simplicity):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com