Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 45 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 45 Page - ams AG

Back Button AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
44 - 54
7.8.1 Temperature Supervision Registers
Addr: 29h
Overtemp Control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default
Access
Description
0
ov_temp_on
1
W
Activates/deactivates device temperature supervision.
Default: Off - all other bits are only valid if this bit is set to 1.
0 = Temperature supervision is disabled. No reset will be
generated if the device temperature exceeds 140ºC.
1 = Temperature supervision is enabled.
1
ov_temp
N/A
R
1 = Indicates that the overtemperature threshold has been
reached; this flag is not cleared by an overtemperature
reset. It has to be cleared using bit rst_ov_temp.
2
rst_ov_temp
0
R/W
The ov_temp flag is cleared by first setting this bit to 1, and
then setting this bit to 0.
7.9
Serial Interface
The AS3687/87XM is controlled using serial interface pins CLK and DATA:
Figure
35 – Serial interface block diagram
Serial
Interface
Logic
R4
1-10k
VDD_I/F
CLK
CLK
DATA
DATA
R5
The clock line CLK is never held low by the AS3687/87XM (as the AS3687/87XM does not use clock stretching of
the bus).
Table
18 – Serial Interface Timing
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIHI/F
High Level Input voltage
1.38
VBAT
V
VILI/F
Low Level Input voltage
0.0
0.52
V
VHYSTI/F
Hysteresis
0.1
V
tRISE
Rise Time - VILI/F to VIHI/F
0
1000
ns
tFALL
Fall Time - VIHI/F to VILI/F
0
300
ns
Pins DATA and CLK
tCLK_FILTER
Spike Filter on CLK
100
ns
tDATA_FILTER
Spike Filter on DATA
300
ns
7.9.1 Serial Interface Features
Fast Mode Capability (Maximum Clock Frequency is 400 kHz)
7-bit Addressing Mode
Write Formats
Single-Byte Write
Page-Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com