Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 40 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 40 Page - ams AG

Back Button AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
39 - 54
The internal circuit has the following functions:
Figure
29 – Audio controlled RGB LED internal circuit
CURR33/AUDIO_IN
Audio IN
1.25V
ADC
optional
adc_select
CURR30
CURR31
CURR32
other modes
other modes
other modes
curr3x_out
CURR1
CURR2
CURR6
other modes
other modes
other modes
curr126_out
audio_gain
-12dB...+30dB
aud_buf_on
DC
Remove
Level
Detect /
Fadeout
AGC
Look
Up
Table
audio_color
agc_ctrl
audio_speed
rgb_amplitude
The audio controlled LED block is enabled if any of the registers curr3x_out or curr126_out is not zero.
The audio input amplifier (enabled by aud_buf_on=1) is used to allow the attenuation (or amplification of the input
signal) and has the following parameters:
Table
15 – Audio input Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
Vin
Input Voltage Range
0
2.5
V
Rin_min
min. Input Impedance
20
kΩ
at max. input gain (30dB)
When audio control RGB LED is active, the internal ADC is continuously running at a sample frequency of
45.5kHz. In this case the ADC cannot be used for any other purpose.
The input amplitude is mapped into different colors for RGB LED(s) or brightness for single color LED(s). The
mapping is controlled by the register audio_color. If audio_color = 000, then the mapping is done as follows:
Very low amplitudes are mapped to black, for higher amplitudes, the color smoothly transitions from blue, green,
cyan, yellow, red and eventually to white (for high input amplitudes). Otherwise the output is mapped to the
brightness of a single color.
7.6.1 AGC
The AGC is used to ‘compress’ the input signal and to attenuate very low input amplitude signals (this is
performed to ensure no light output for low signals especially for noisy input signals).
The AGC monitors the input signal amplitude and filters this amplitude with a filter with a short attack time, but a
long decay time (decay time depends on the register agc_ctrl). This amplitude measurement (represented by an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com