Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 21 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 21 Page - ams AG

Back Button AS3687 Datasheet HTML 17Page - ams AG AS3687 Datasheet HTML 18Page - ams AG AS3687 Datasheet HTML 19Page - ams AG AS3687 Datasheet HTML 20Page - ams AG AS3687 Datasheet HTML 21Page - ams AG AS3687 Datasheet HTML 22Page - ams AG AS3687 Datasheet HTML 23Page - ams AG AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
20 - 54
Addr: 2Fh
Curr6 current
This register controls the High voltage current sink current.
Bit
Bit Name
Default
Access
Description
7:0
curr6_current
0
R/W
Defines current into Current sink curr6
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
curr12 control
Addr: 01h
This register select the mode of the current sinkscontrols High voltage current sink
current.
Bit
Bit Name
Default
Access
Description
1:0
curr1_mode
0
R/W
Select the mode of the current sink curr1
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled
3:2
curr2_mode
0
R/W
Select the mode of the current sink curr2
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled
Addr: 02h
curr 6 control
This register select the mode of the current sinks CURR6
Bit
Bit Name
Default
Access
Description
7:6
curr6_mode
0
R/W
Select the mode of the current sink CURR6
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
0
step_up_res
0
R/W
Gain selection for Step Up DC/DC Converter.
Select 0 if Step Up DC/DC Converter is used with current
feedback (CURR1, CURR2) or if DCDC_FB is used with
current feedback only – only R1, C1 connected
Select 1 if DCDC_FB is used with external resistor divider (2
resistors).
1
skip_fast
0
R/W
Step Up DC/DC Converter output voltage at low loads,
when pulse skipping is active.
0 = Accurate output voltage, more ripple.
1 = Elevated output voltage, less ripple.
2
stepup_prot
1
R/W
Step Up DC/DC Converter protection.
0 = No overvoltage protection.
1 = Overvoltage protection on pin DCDC_FB enabled
voltage limitation =1.25V on DCDC_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com