Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 52 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 52 Page - ams AG

Back Button AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG AS3687 Datasheet HTML 53Page - ams AG AS3687 Datasheet HTML 54Page - ams AG AS3687 Datasheet HTML 55Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
51 - 54
10 Pinout and Packaging
10.1 Pin Description
Table
22 – Pinlist WL-CSP 4x5 balls
Bmp
Name
Type
Description
A1
C2_N
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this pin.
A2
C1_P
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this pin.
A3
CP_OUT
AO
Output voltage of the Charge Pump; connect a ceramic capacitor of 1µF (±20%).
A4
DATA
DIO
Serial interface data input/output.
B1
C1_N
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this pin.
B2
C2_P
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this pin.
B3 DCDC_GATE
AO
DCDC gate driver.
B4
CLK
DI
Clock input for serial interface.
C1
VSS
GND
Ground pad
C2
VBAT
S
Supply pad. Connect to battery.
C3
CURR30
AI
Analog current sink input, intended for activity icon LED
C4
DCDC_SNS
AI
Sense input of shunt resistor for Step Up DC/DC Converter.
CURR33
AS3687: Analog current sink input, intended for activity icon LED
D1
CURR33
/AUDIO_IN
AI
AS3687XM: Analog current sink input, intended for activity icon LED or audio signal
input
D2
CURR31
AI
Analog current sink input, intended for activity icon LED
D3
CURR2
AI_HV Analog current sink input (intended for Keyboard backlight)
D4
DCDC_FB
AI
DCDC feedback. Connect to resistor string.
E1
CURR32
AI
Analog current sink input, intended for activity icon LED
E2
CURR6
AI_HV Analog current sink input (intended for Keyboard backlight)
E3
CURR1
AI_HV Analog current sink input (intended for Keyboard backlight)
E4
V2_5
AO3
Output voltage of the Low-Power LDO; always connect a ceramic capacitor of 1µF
(±20%) or 2.2µF (+100%/-50%).
Do not load this pin during device startup.
Table
23 – Pin Type Definitions
Type
Description
DI
Digital Input
DO
Digital Output
DIO
Digital Input/Output
AIO
Analog Pad
AI
Analog Input
AI_HV
High-Voltage (15V) Pin
AO3
Analog Output (3.3V)
S
Supply Pad
GND
Ground Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com