Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 17 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 17 Page - ams AG

Back Button AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG AS3687 Datasheet HTML 17Page - ams AG AS3687 Datasheet HTML 18Page - ams AG AS3687 Datasheet HTML 19Page - ams AG AS3687 Datasheet HTML 20Page - ams AG AS3687 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
16 - 54
Figure
14 – Automatic Mode Switching
Charge Pump
1:1, 1:1.5, 1:2
CPOUT
C5
1.0µF
CURR30
CURR31
CURR32
CURR33
CURR1
CURR2
200mV
(curr3x_switch)
450mV
(currhv_switch)
curr30_on_cp
curr31_on_cp
curr32_on_cp
curr33_on_cp
curr1_on_cp
curr2_on_cp
Debounce
Mode Switching
1:1 -> 1:1.5
1:1.5 -> 1:2
cp_mode<1:0>
CURR6
curr6_on_cp
Battery
VBAT
C2_P
C3
500nF
C2_N
C1_P
C4
500nF
C1_N
C2
1µF
7.2.2 Soft Start
An implemented soft start mechanism reduces the inrush current. Battery current is smoothed when switching the
charge pump on and also at each switching condition. This precaution reduces electromagnetic radiation
significantly.
7.2.3 Charge Pump Registers
Reg. Control
Addr: 00h
This register enables/disables the Charge Pump and the Step Up DC/DC Converter.
Bit
Bit Name
Default
Access
Description
2
cp_on
0
R/W
0 = Set Charge Pump into 1:1 mode (off state) unless
cp_auto_on is set
1 = Enable manual or automatic mode switching – see
register CP Control for actual settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com