Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 31 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 31 Page - ams AG

Back Button AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
30 - 54
Figure
24 – PWM Dimming Table
Decrease by 1/4th every
step
Decrease by 1/8th every
step
Seconds
Seconds Seconds Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2,5msec/
Step
6
23,9
61
52,2
133
0,25s
0,13s
0,025s
0,013s
7
18,0
46
45,9
117
0,30s
0,15s
0,030s
0,015s
8
13,7
35
40,4
103
0,35s
0,18s
0,035s
0,018s
9
10,6
27
35,7
91
0,40s
0,20s
0,040s
0,020s
10
8,2
21
31,4
80
0,45s
0,23s
0,045s
0,023s
11
6,3
16
27,5
70
0,50s
0,25s
0,050s
0,025s
12
4,7
12
24,3
62
0,55s
0,28s
0,055s
0,028s
13
3,5
9
21,6
55
0,60s
0,30s
0,060s
0,030s
14
2,7
7
19,2
49
0,65s
0,33s
0,065s
0,033s
15
2,4
6
16,9
43
0,70s
0,35s
0,070s
0,035s
16
2,0
5
14,9
38
0,75s
0,38s
0,075s
0,038s
17
1,6
4
13,3
34
0,80s
0,40s
0,080s
0,040s
18
1,2
3
11,8
30
0,85s
0,43s
0,085s
0,043s
19
0,8
2
10,6
27
0,90s
0,45s
0,090s
0,045s
20
0,4
1
9,4
24
0,95s
0,48s
0,095s
0,048s
21
0,0
0
8,2
21
1,00s
0,50s
0,100s
0,050s
22
7,5
19
1,05s
0,53s
0,105s
0,053s
23
6,7
17
1,10s
0,55s
0,110s
0,055s
24
5,9
15
1,15s
0,58s
0,115s
0,058s
25
5,5
14
1,20s
0,60s
0,120s
0,060s
26
5,1
13
1,25s
0,63s
0,125s
0,063s
27
4,7
12
1,30s
0,65s
0,130s
0,065s
28
4,3
11
1,35s
0,68s
0,135s
0,068s
29
3,9
10
1,40s
0,70s
0,140s
0,070s
30
3,5
9
1,45s
0,73s
0,145s
0,073s
31
3,1
8
1,50s
0,75s
0,150s
0,075s
32
2,7
7
1,55s
0,78s
0,155s
0,078s
33
2,4
6
1,60s
0,80s
0,160s
0,080s
34
2,0
5
1,65s
0,83s
0,165s
0,083s
35
1,6
4
1,70s
0,85s
0,170s
0,085s
36
1,2
3
1,75s
0,88s
0,175s
0,088s
37
0,8
2
1,80s
0,90s
0,180s
0,090s
38
0,4
1
1,85s
0,93s
0,185s
0,093s
39
0,0
0
1,90s
0,95s
0,190s
0,095s
7.3.4.2 PWM Generator Registers
Addr: 16h
Pwm control
This register controls PWM generator
Bit
Bit Name
Default
Access
Description
2:1
pwm_dim_mode
00b
R/W
Selects the dimming mode
00b = no dimming; actual content of register pwm_code is
used for pwm generator
01b = logarithmic up dimming (codes are increased). Start
value is actual pwm_code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com