Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 30 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 30 Page - ams AG

Back Button AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
29 - 54
Figure
22 – PWM Dimming Waveform for up dimming (pwm_dim_mode = 01); currX_mode = PWM controlled (not all steps shown)
I
t
currX_current
I/2
I/4
I/4 with up to
100% duty cycle
next step: I/2 with
50% duty cycle
The internal pwm modulator circuit controls the current sinks as shown in the following figure:
Figure
23 – PWM Control Circuit (currX_mode = 10b (PWM controlled)); X = any current sink
PWM
Modulator
0
currX_current
/2
/4
pwm_code
IDAC
2MHz
CURRX
8
8
Dimming
Ramp
Gen
From serial
Interface
8
adder_currentX
currX_adder
subX_en
8
8
if pwm_dim_mode = 01 or 10
Adder Logic
The adder logic (available for CURR30-32, CURR1, CURR2 and CURR6) is intended to allow dimming not only
from 0% to 100% (or 100% to 0%) of currX_current, but also e.g. from 10% to 110% (or 110% to 10%) of
currX_current. That means for up dimming the starting current is defined by 0 + currX_adder and the end
current is defined by currX_current + currX_adder.
An overflow of the internal bus (8 Bits wide to the IDAC) has to be avoided by the register settings (currX_current
+ currX_adder must not exceed 255).
If the register subX_en is set, the result from the pwm_modulator is inverted logically. That means for up
dimming the starting current is defined by currX_adder - 1 and the end current is defined by currX_adder -
currX_current - 1. An overflow of the internal bus (8 Bits wide to the IDAC) has to be avoided by the register
settings (currX_adder - currX_current - 1 must not be below zero).
Its purpose is to dim one channel e.g. CURR30 from e.g. 110% to 10% of curr30_current and at the same time
dim another channel e.g. CURR31 from 20% to 120% of curr31_current.
Note:
1.
The adder logic operates independent of the currX_mode setting, but its main purpose is to work
together with the pwm modulator (improved up/down dimming)
2.
If the adder logic is not used anymore, set the bit currX_adder to 0. (Setting adder_currentX to 0 is
not sufficient)
Figure
24 – PWM Dimming Table
Decrease by 1/4th every
step
Decrease by 1/8th every
step
Seconds
Seconds Seconds Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2,5msec/
Step
1
100,0
255
100,0
255
0,00s
0,00s
0,000s
0,000s
2
75,3
192
87,8
224
0,05s
0,03s
0,005s
0,003s
3
56,5
144
76,9
196
0,10s
0,05s
0,010s
0,005s
4
42,4
108
67,5
172
0,15s
0,08s
0,015s
0,008s
5
31,8
81
59,2
151
0,20s
0,10s
0,020s
0,010s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com