Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 36 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 36 Page - ams AG

Back Button AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
35 - 54
Table
13 – ADC Input Ranges, Compliances and Resolution
Channels (Pins)
Input Range
VLSB
Note
CURR30-33
VBAT, CP_OUT
0V-5.5V
6.1mV
VLSB=2.5/1024 * 1/0.4;
internal resistor divider used
CURR1, CURR2, CURR6
0V-1.0V
2.44mV
VLSB=2.5/1024
Table
14 – ADC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
Resolution
10
Bit
Vin
Input Voltage Range
VSS
Vsupply
V
Vsupply = V2_5
DNL
Differential Non-Linearity
± 0.25
LSB
INL
Integral Non-Linearity
± 0.5
LSB
Vos
Input Offset Voltage
± 0.25
LSB
Rin
Input Impedance
100
M
Ω
Cin
Input Capacitance
9
pF
Vsupply (V2_5)
Power Supply Range
2.5
V
± 2%, internally trimmed.
Idd
Power Supply Current
500
µ A
During conversion only.
Idd
Power Down Current
100
nA
TTOL
Temperature Sensor
Accuracy
-10
+10
°C
@ 25
°C
ADCTOFFSET
ADC temperature
measurement offset value
375
°C
ADCTC
Code temperature
coefficient
1.2939
°C/Code
Temperature change per ADC
LSB
Ratioprescaler
Ratio of Prescaler
0.4
For all low voltage current sinks,
CP_OUT and VBAT
Transient Parameters (2.5V, 25 ºC)
Tc
Conversion Time
27
µs
fc
Clock Frequency
1.0
MHz
ts
Settling Time of S&H
16
µs
All signals are internally
generated and triggered by
start_conversion
The junction temperature (TJUNCTION) can be calculated with the following formula (ADCTEMP_CODE is the adc
conversion result for channel 17h selected by register adc_select = 010111b):
TJUNCTION [
°C] = ADCTOFFSET - ADCTC · ADCTEMP_CODE
7.5.1 Application Hint: Extending to ADC input voltage range for CURR1,2,6
Under certain operating conditions, the input voltage range for the ADC input CURR1,2,6 (specified from 0.0V-
1.0V for all operating conditions in table “ADC Input Ranges, Compliances and Resolution” ) can be extended as
follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com