Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 35 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 35 Page - ams AG

Back Button AS3687 Datasheet HTML 31Page - ams AG AS3687 Datasheet HTML 32Page - ams AG AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
34 - 54
7.4.2 Function Testing for LEDs connected to the Step Up DCDC Converter
For LEDs connected to the DCDC converter (usually current sinks CURR1,CURR2 and CURR6) use the
following procedure:
Table
12 – Function Testing for LEDs connected to the DCDC converter
Step
Action
Example Code
1.
Switch on the current sink for the LED string to be
tested (CURR1,2 or 6)
e.g. Test LEDs on CURR1:
Reg 01h <- 01h (curr1_mode=on)
Reg 09h <- 3ch (curr1 = 9mA)
2.
Select the feedback path for the LED string to be
tested (e.g. step_up_fb = 01 for LED string on
CURR1)
Reg 21h <- 02h (feedback=curr1)
3.
Set the current for step_up_vtuning exactly above the
maximum forward voltage of the tested LED string +
0.6V (for the current sink) + 0.25V; add 6% margin
(accuracy of step_up_vtuning); this sets the maximum
output voltage limit for the DCDC converter
e.g. 4 LEDs with UfMAX = 4.1V gives 17.25V
+6% = 18.29V; if R3=1M
Ω and R4 = open, then
select step_up_vtuning = 18 (Reg 21h <- 92h;
results in 19.25V overvoltage protection voltage –
see table in DCDC section)
4.
Set stepup_prot = 1
Reg 22h <- 04h
5.
Switch on the DCDC converter
Reg 00h <- 08h
6.
Wait 80ms (DCDC_FB settling time)
7.
Measure the voltage on DCDC_FB (ADC)
Reg 26h <- 96h (adc_select=DCDC_FB, start
ADC; Fetch the ADC result from Reg 27h and
28h)
8.
If the voltage on DCDC_FB is above 1.0V, the tested
LED string is broken – then skip the following steps
(Code >199h)
9.
Switch off the overvoltage protection (stepup_prot = 0) Reg 22h <- 00h
10.
Reduce step_up_vtuning step by step until the
measured voltage on DCDC_FB (ADC) is above 1.0V.
After changing step_up_vtuning always wait 80ms,
before AD-conversion
e.g.: Reg 21h <- 62h (step_up_vtuning=12): ADC
result=1,602V
11. Measure voltage on DCDC_FB
e.g. DCDC_FB=1.602V
12. Switch off the DCDC converter
Reg 00h <- 00h
13.
The voltage on the LED string can be calculated now
as follows (R4 = open):
VLEDSTRING = V(DCDC_FB) + I(step_up_vtuning) *
R3 – 0.5V (current sinks feedback voltage: VFB2).
V(DCDC_FB) = ADC Measurement from point 11
I(step_up_vtuing) = last setting used for point 10
e.g.: VLED = (1.602V + 12V – 0.5V) / 4 = 3.276V
14.
Compare the calculated value against the
specification limits of the tested LEDs
With the above described procedures electrically open and shorted LEDs can be automatically detected.
7.5
Analog-To-Digital Converter
The AS3687/87XM has a built-in 10-bit successive approximation analog-to-digital converter (ADC). It is
internally supplied by V2_5, which is also the full-scale input range (0V defines the ADC zero-code). For input
signal exceeding V2_5 (typ. 2.5V) a resistor divider with a gain of 0.4 (Ratioprescaler) is used to scale the input of
the ADC converter. Consequently the resolution is:
Table
13 – ADC Input Ranges, Compliances and Resolution
Channels (Pins)
Input Range
VLSB
Note
DCDC_FB
0V-2.5V
2.44mV
VLSB=2.5/1024
ADCTEMP_CODE
-30°C to 125°C
1 / ADCTC
junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com