Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 11 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 11 Page - ams AG

Back Button AS3687 Datasheet HTML 7Page - ams AG AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG AS3687 Datasheet HTML 10Page - ams AG AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
10 - 54
Notes:
1.
The voltage on the pin DCDC_FB is limited by an internal protection diode to VBAT + one diode
forward voltage (typ. 0.6V).
2.
If the overvoltage protection is not used in current feedback mode, connect DCDC_FB to ground.
Figure
12 –Step Up DC/DC Converter Detail Diagram; Option: Regulated Output Current, Feedback is automatically selected between CURR1,
CURR2, CURR6 (step_up_fb_auto=1); overvoltage protection is enabled (step_up_prot=1); 1MHz clock frequency (step_up_freq=0)
CURR1
CURR2
HV Current Sinks
each 0.156-40mA
CURR6
C9
4.7µF
C7
1.5nF
Q1
DCDC_SNS
DCDC_GATE
DCDC_FB
R2
1M
R3
100k
C8
15nF
C6
1µF
R1
Battery
D1
L1
10µH
D6
D7
D8
D10
D9
D11
D13
D12
D14
1.25V
0.5V
step_up_vtuning
1.25V
step_up_prot
step_up_fb
ramp
PWM
Logic
Gate
Driver
Vrsense_max
step_up_freq
1MHz
500kHz
clk
ov_curr
Automatic
feedback select
(CURR1,2,6)
step_up_fb_auto
CURRX on and
currX_on_cp=0
1.35V
0.8V
overshoot comp
error ota
V
7.1.3 Voltage Feedback
Setting bit step_up_fb = 00 enables voltage feedback at pin DCDC_FB..
The output voltage is regulated to a constant value, given by (Bit step_up_res should be set to 1 in this
configuration)
Ustepup_out = (R2+R3)/R3 x 1.25 + IDCDC_FB x R2
If R3 is not used, the output voltage is by (Bit step_up_res should be set to 0 in this configuration):
Ustepup_out = 1.25 + IDCDC_FB x R2
Where:
Ustepup_out = Step Up DC/DC Converter output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com