Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 2 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 2 Page - ams AG

  AS3687 Datasheet HTML 1Page - ams AG AS3687 Datasheet HTML 2Page - ams AG AS3687 Datasheet HTML 3Page - ams AG AS3687 Datasheet HTML 4Page - ams AG AS3687 Datasheet HTML 5Page - ams AG AS3687 Datasheet HTML 6Page - ams AG AS3687 Datasheet HTML 7Page - ams AG AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
(mlg/ptr)
1v3-4
1 - 54
1
General Description
The AS3687/87XM is a highly-integrated CMOS
Lighting Management Unit for mobile telephones,
and other 1-cell Li+ or 3-cell NiMH powered
devices.
The AS3687/87XM incorporates one Step Up
DC/DC Converter for white backlight LEDs, one low
noise Charge Pump for indicator- or RGB- LEDs,
LED test circuit (production test of the soldered
LEDs at the customer site), one Analog-to-Digital
Converter, seven current sinks, a two wire serial
interface, and control logic all onto a single device.
Output voltages and output currents are fully
programmable. The AS3687XM has an audio input
to control one or two RGB LEDs.
The
AS3687/87XM
is
a
successor
to
the
austrimicrosystems AS3689 and therefore software
compatible
to the AS3689 (software written for the
AS3689
can
be
easily
reused
for
the
AS3687/87XM).
2
Key Features
High-Efficiency Step Up DC/DC Converter
Up to 25V/50mA for White LEDs
Programmable Output Voltage with
External Resistors and Serial Interface
Overvoltage Protection
High-Efficiency Low Noise Charge Pump
1:1, 1:1.5, and 1:2 Mode
Automatic Up Switching (can be disabled
and 1:2 mode can be blocked)
Output Current up to 150mA
Efficiency up to 95%
Only 4 External Capacitors Required:
2 x 500nF Flying Capacitors, 2 x 1µF
Input/Output Capacitors
Supports LCD White Backlight or RGB
LEDs
Seven Current Sinks
All seven current sinks fully Programmable
(8-bit) from: 0.15mA to 38.5mA (CURR1,
CURR2, CURR6, CURR30, CURR31,
CURR32, CURR33)
Three current sinks are High Voltage
capable (CURR1, CURR2, CURR6)
Selectively Enable/Disable Current Sinks
Internal PWM Generation
8 Bit resolution
Autonomous Logarithmic up/down
dimming
Led Pattern Generator
Autonomous driving for Fun RGB LEDs
Support indicator LEDs
10-bit Successive Approximation ADC
27µs Conversion Time
Selectable Inputs: all current sources,
VBAT, CP_OUT, DCDC_FB
Internal Temp. Measurement
Support for automatic LED testing (open and
shorted LEDs can be identified in-circuit)
Standby LDO always on if serial interface is on
Regulated 2.5V max. output 10mA
3µA Quiescent Current
Automatic wakeup if serial interface is
enabled (allows ultra low power for device
shutdown)
Audio can be used to drive RGB LED
(AS3687XM only)
RGB Color and Brightness is dependent
on audio input amplitude
Can drive one or two RGB LEDs
Wide Battery Supply Range: 3.0 to 5.5V
Two Wire Serial Interface Control
Overcurrent and Thermal Protection
Small Package
WL-CSP 4x5 balls 0.5mm pitch
3 Application
Lighting-management for mobile telephones and
other 1-cell Li+ or 3-cell NiMH powered devices.
AS3687/87XM
Flexible Lighting Management (Charge Pump, DCDC Step
Up, Seven Current Sinks, ADC, LED Test, Audio Light)
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com