Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 48 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 48 Page - ams AG

Back Button AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
47 - 54
Figure
40 – Serial Interface Sequential Read
S
DW
A
WA
A Sr
DR
A
data 1
A
data 2
...
A
data n
N P
Read Register
WA++
AS3687/87XM
(= Slave) receives data
AS3687/87XM
(= Slave) transmits data
Sequential Read is the extended form of Random Read, as multiple register-data bytes are subsequently
transferred.
In contrast to the Random Read, in a sequential read the transferred register-data bytes are responded by an
acknowledge from the master. The number of data bytes transferred in one sequence is unlimited (consider the
behavior of the word-address counter). To terminate the transmission the master has to send a NOT
ACKNOWLEDGE following the last data byte and subsequently generate the STOP condition.
Figure
41 – Serial Interface Current Address Read
S
DR
A
data 1
A
data 2
…
A
data n
N P
Read Register
WA++
Read Register
WA++
Read Register
WA++
Read Register
WA++
AS3687 (= slave) receives data
AS3687 (= slave) transmits data
To keep the access time as small as possible, this format allows a read access without the word address transfer
in advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device-
Read address.
Analogous to Random Read, a single byte transfer is terminated with a NOT ACKNOWLEDGE after the 1st
register byte. Analogous to Sequential Read an unlimited number of data bytes can be transferred, where the
data bytes must be responded to with an ACKNOWLEDGE from the master.
For termination of the transmission the master sends a NOT ACKNOWLEDGE following the last data byte and a
subsequent STOP condition.
7.10 Operating Modes
If the voltage on SCL and SDA is less than 1V (for > tPOR_DEB), the AS3687/87XM is in shutdown mode and its
current consumption is minimized (IBAT = ISHUTDOWN) and all internal registers are reset to their default values.
If the voltage at SCL or SDA rises above 1V, the AS3687/87XM serial interface is enabled and the AS3687/87XM
and the standby mode is selected. The AS3687/87XM is switched automatically from standby mode (I(BAT) =
ISTANDBY) into normal mode (I(BAT) = IACTIVE) and back, if one of the following blocks are activated:
Charge pump
Step up regulator
Any current sink
ADC conversion started
PWM active
Pattern mode active.
If any of these blocks are already switched on the internal oscillator is running and a write instruction to the
registers is directly evaluated within 1 internal CLK Cycle (typ. 1μs)
If all these blocks are disabled, a write instruction to enable these blocks is delayed by 64 CLK cycles (oscillator
will startup, within max 200μs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com