Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 27 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 27 Page - ams AG

Back Button AS3687 Datasheet HTML 23Page - ams AG AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG AS3687 Datasheet HTML 28Page - ams AG AS3687 Datasheet HTML 29Page - ams AG AS3687 Datasheet HTML 30Page - ams AG AS3687 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
26 - 54
As there is only one dimming ramp generator and one pwm modulator following constraints have to be
considered when setting up the pattern (applies only if pattern_color=1):
Figure
18 – Softdimming example Waveform for CURR30-32
CURR30
CURR31
CURR32
ok
ok
not possible
A new dimming up (CURR32) can be
started after the dimming
down (CURR30) is finished
A new dimming up (CURR32) cannot be
started after or while one channel (CURR30)
is dimming up
However using the identical dimming waveform for two channels is possible as shown in the following figure:
Figure
19 – Softdimming example Waveform for CURR30-32
ok
ok
ok
CURR30
CURR31
CURR32
7.3.3.2 LED Pattern Registers
Addr: 19h,1Ah,1Bh,1Ch
Pattern data0, Pattern data1, Pattern data2, Pattern data3
This registers contains the pattern data for the current sinks.
Bit
Bit Name
Default
Access
Description
7:0
pattern_data0[7:0]
1
0
R/W
Pattern data0
7:0
pattern_data1[15:8]
1
0
R/W
Pattern data1
7:0 pattern_data2[23:16]
1
0
R/W
Pattern data2
7:0 pattern_data3[31:24]
1
0
R/W
Pattern data3
Note:
1.
Update any of the pattern register only if none of the current sources is connected to the pattern
generator (‘xxxx’_mode must not be 11b). The pattern generator is automatically started at the
same time when any of the current sources is connected to the pattern generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com