Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 6 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 6 Page - ams AG

Back Button AS3687 Datasheet HTML 2Page - ams AG AS3687 Datasheet HTML 3Page - ams AG AS3687 Datasheet HTML 4Page - ams AG AS3687 Datasheet HTML 5Page - ams AG AS3687 Datasheet HTML 6Page - ams AG AS3687 Datasheet HTML 7Page - ams AG AS3687 Datasheet HTML 8Page - ams AG AS3687 Datasheet HTML 9Page - ams AG AS3687 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
5 - 54
5
Characteristics
5.1 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in Section 5
Electrical Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table
1 – Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VIN_HV
15V Pins
-0.3
17
V
Applicable for high-voltage
current sink pins CURR1,CURR2,
CURR6
VIN_MV
5V Pins
-0.3
7.0
V
Applicable for 5V pins
VBAT, CURR30-33,
CURR33/AUDIO_IN, C1_N, C2_N,
C1_P, C2_P, CPOUT, DCDC_FB,
DCDC_GATE, CLK, DATA;
VIN_LV
3.3V Pins
-0.3
5.0
V
Applicable for 3.3V pins
V2_5; DCDC_SNS
IIN
Input Pin Current
-25
+25
mA
At 25ºC, Norm: JEDEC 17
Tstrg
Storage Temperature Range
-55
125
°C
Humidity
5
85
%
Non-condensing
-2000
2000
V
All pins except
CURR33/AUDIO_IN
VESD
Electrostatic Discharge
Norm: MIL 883 E Method 3015
-1000
1000
V
Pin CURR33/AUDIO_IN
VCDM
Norm: JEDEC JESD 22-A115-A
level A
-500
500
V
Pt
Total Power Dissipation
0.75
W
TA = 70 ºC, Tjunc_max = 125ºC
TBODY
Peak Body Temperature
260
°C
T = 20 to 40s, in accordance with
IPC/JEDEC J-STD 020.
5.2
Operating Conditions
Table
2 – Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Note
VHV
High Voltage
0.0
15.0
V
Applicable for high-voltage current
sink pins CURR1, CURR2 and
CURR6.
VBAT
Battery Voltage
3.0
3.6
5.5
V
VBAT
VDDI/F
Interface Supply Voltage
1.5
1.8 / 2.8
5.5
V
For serial interface pins.
V2_5
Voltage on Pin V2_5
2.4
2.5
2.6
V
Internally generated
TAMB
Operating Temperature Range
-30
25
85
°C
IACTIVE
Battery current
70
µA
Normal Operating current – see
section ‘Operating Modes’;
interface active (excluding current
of the enabled blocks)
ISTANDBY
Standby Mode Current
5.8
13
µA
Current consumption in standby
mode. Only 2.5V regulator on,
interface active
ISHUTDOWN
Shutdown Mode Current
0.1
3
µA
interface inactive (CLK and DATA
set to 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com