Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 37 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 37 Page - ams AG

Back Button AS3687 Datasheet HTML 33Page - ams AG AS3687 Datasheet HTML 34Page - ams AG AS3687 Datasheet HTML 35Page - ams AG AS3687 Datasheet HTML 36Page - ams AG AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
36 - 54
Figure
26 –Internal voltage of the ADC vs. applied voltage on CURR1,2 or CURR6
Operating conditions: VBAT>=3.3V, TJUNC >= -20
°C (one curve with charge pump operating in 1:2 mode ‘on’ and
one curve with charge pump in 1:1 mode ‘off’).
Above curve represent the worst case and therefore are guaranteed by design under the above operating
conditions (ADC input range for CURR1,2,6 is between 0V and 1.5V).
7.5.2 ADC Registers
Addr: 27h
ADC_MSB Result
Together with Register 27h, this register contains the results (MSB) of an ADC cycle.
Bit
Bit Name
Default
Access
Description
6:0
D9:D3
N/A
R
ADC results register.
7
result_not_ready
N/A
R
Indicates end of ADC conversion cycle.
0 = Result is ready.
1 = Conversion is running.
Addr: 28h
ADC_LSB Result
Together with Register 28h, this register contains the results (LSB) of an ADC cycle
Bit
Bit Name
Default
Access
Description
2:0
D2:D0
N/A
R
ADC result register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com