Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 23 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 23 Page - ams AG

Back Button AS3687 Datasheet HTML 19Page - ams AG AS3687 Datasheet HTML 20Page - ams AG AS3687 Datasheet HTML 21Page - ams AG AS3687 Datasheet HTML 22Page - ams AG AS3687 Datasheet HTML 23Page - ams AG AS3687 Datasheet HTML 24Page - ams AG AS3687 Datasheet HTML 25Page - ams AG AS3687 Datasheet HTML 26Page - ams AG AS3687 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
22 - 54
Addr: 12h
Curr3 control1
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access Description
2:1
preview_ctrl
00b
R/W
Preview is triggered by
00 = off
01 = software trigger (setting this bit automatically triggers preview)
Addr: 11h
Curr3 strobe control
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access
Description
1:0
strobe_ctrl
00b
R/W
Strobe is triggered by
00b = off
01b = software trigger (setting this bit automatically triggers strobe)
3:2
strobe_mode
00b
R/W
Selects strobe mode
00b = Mode1 (Tstrobe=Ts; strobe trigger signal >= 10
μs)
01b = Mode 2 (Tstrobe=max Ts)
10b = Mode 3 (Tstrobe = strobe signal)
11b = not used
7:4
strobe_timing
0000b
R/W
Selects strobe time (Ts)
0000b = 100 msec
0001b = 200 msec
0010b = 300 msec
0011b = 400 msec
0100b = 500 msec
0101b = 600 msec
0110b = 700 msec
0111b = 800 msec
1000b = 900 msec
1001b = 1000 msec
1010b = 1100 msec
1011b = 1200 msec
1100b = 1300 msec
1101b = 1400 msec
1110b = 1500 msec
1111b = 1600 msec
Addr: 0Eh
Curr3x strobe
This register select the strobe current of the current sinks30..33
Bit
Bit Name
Default
Access
Description
5:0
curr3x_strobe
00
R/W
Defines Strobe current of Current sinks curr30-33
00h = 0 mA
01h = 0.6 mA
...
3Fh = 37.8 mA
Addr: 0Fh
Curr3x preview
This register select the preview current of the current sinks30..33
Bit
Bit Name
Default
Access
Description
5:0
curr3x_preview
00
R/W
Defines Preview current of Current sinks curr30-33
00h = 0 mA
01h = 0.6 mA
...
3Fh = 37.8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com