Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 53 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 53 Page - ams AG

Back Button AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG AS3687 Datasheet HTML 53Page - ams AG AS3687 Datasheet HTML 54Page - ams AG AS3687 Datasheet HTML 55Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
52 - 54
10.2 Package Drawings and Markings
Figure
42 – WL-CSP 4x5 Balls Package Drawing
Marking:
Line 1: austriamicrosystems logo
Line 2: AS36
Line 3: 87
(for AS3687)
87XM
(for AS3687XM)
Line 4: <Code>
4 Letter Encoded Datecode
Figure
43 – WL-CSP 4x5 Balls Detail Dimensions
2065 +/-20µm
500µm
500µm
282.5
µm
282.5
µm
Bottom View (Ball Side)
2065 +/-20µm
Top View (through)
Pin A1
Indicator
Side View
250
+/-20
µm
350
+/-10
µm
600 +/-30µm
A1
A2
A3
B1
B2
B3
C1
C2
C3
D1
D2
D3
A3
A2
A1
B3
B2
B1
C3
C2
C1
D3
D2
D1
A4
B4
C4
D4
E3
E2
E1
E4
500µm
A4
B4
C4
D4
E1
E2
E3
E4
The coplanarity of the balls is 40µm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com