Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3687 Datasheet(PDF) 46 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 46 Page - ams AG

Back Button AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG AS3687 Datasheet HTML 46Page - ams AG AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
45 - 54
Read Formats
Current-Address Read
Random-Read
Sequential-Read
DATA Input Delay and CLK Spike Filtering by Integrated RC Components
7.9.2 Device Address Selection
The serial interface address of the AS3687/87XM has the following address:
80h – Write Commands
81h – Read Commands
Figure
36 – Complete Serial Data Transfer
S
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
P
DATA
CLK
1-7
8
9
1-7
89
1-7
8
9
7.9.2.1 Serial Data Transfer Formats
Definitions used in the serial data transfer format diagrams are listed in the following table:
Table
19 – Serial Data Transfer Byte Definitions
Symbol
Definition
R/W (AS3687/87XM
Slave)
Notes
S
Start Condition after Stop
R
1 bit
Sr
Repeated Start
R
1 bit
DW
Device Address for Write
R
10000000b (80h).
DR
Device Address for Read
R
10000001b (81h)
WA
Word Address
R
8 bits
A
Acknowledge
W
1 bit
N
Not Acknowledge
R
1 bit
reg_data
Register Data/Write
R
8 bits
data (n)
Register Data/read
R
1 bit
P
Stop Condition
R
8 bits
WA++
Increment Word Address Internally
R
During Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com